Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TP11MS9ABE12 Datasheet(PDF) 2 Page - ITT Industries |
|
TP11MS9ABE12 Datasheet(HTML) 2 Page - ITT Industries |
2 / 6 page SWITCHES WITH STANDARD OPTIONS TP12SHZQE MOM. = Momentary MOM. = Momentary MOM. = Momentary SP Models DP Models Omit center terminals for SPST & DPST models. TP12SH8ABE TP12SH9ABE SPDT SPDT NOTE: For PC termination, replace ‘Z’ with ‘C’. For panel & PC mounting information, see page B-13. NOTE: For PC mounting information, see page B-14. NOTE: For PC mounting information, see page B-14. Omit center terminal for SPST models. SPDT Omit center terminal for SPST models. Tiny Pushbutton Switches TP Series B B-11 C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926 Specifications CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. Q contact material: 1 AMP @ 120 V AC or 28 V DC. See page B-16 for additional ratings. ELECTRICAL LIFE: TP11, TP21 MODELS: 60,000 make-and-break cycles at full load. TP12 MODELS: 30,000 cycles. CONTACT RESISTANCE: Below 20 milliohms typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 ohms min. DIELECTRIC STRENGTH: 1000 V RMS min. @ sea level. OPERATING TEMPERATURE: –30 _C to 85_C. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Materials CASE: Glass filled nylon 6/6, flame retardant, heat stabilized or diallyl phthalate (DAP), (UL 94V-0). PLUNGER: Thermoplastic polyester (UL 94V-0). CAP & FRAME: Nylon, black standard. BUSHING: Brass, nickel plated. HOUSING: Stainless steel. SWITCH SUPPORT: Brass, tin plated. END CONTACTS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Coin silver, silver plated. See page B-16 for additional contact materials. CENTER CONTACT & ALL TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See page B-16 for additional contact materials. TERMINAL SEAL: Epoxy. HARDWARE: Nut & Locking Ring: Brass nickel plated. Lockwasher: Steel, nickel plated. POS. 1 POS. 2 PART NUMBER FUNCTION TP11SHZQE TP12SHZQE TP21SHZQE SPST SPDT DPST OFF ON OFF MOM. MOM. MOM. POS. 1 POS. 2 PART NUMBER FUNCTION TP11SH8ABE TP12SH8ABE SPST SPDT OFF ON MOM. MOM. POS. 1 POS. 2 PART NUMBER FUNCTION TP11SH9ABE TP12SH9ABE SPST SPDT OFF ON MOM. MOM. Rev. A 8/99 |
Número de pieza similar - TP11MS9ABE12 |
|
Descripción similar - TP11MS9ABE12 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |