Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUC2G34YEPR Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74AUC2G34YEPR
Descripción Electrónicos  Optimized for 1.8-V Operation and Is 3.6-V I/O Tolerant to Support Mixed-Mode Signal Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G34YEPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUC2G34YEPR Datasheet HTML 1Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 2Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G34YEPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH − V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
0.8 V
1.2 V
± 0.1 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2 k
2 k
2 k
2 k
2 k
1 k
500
VCC
RL
0.1 V
0.1 V
0.1 V
0.15 V
0.15 V
0.15 V
0.15 V
V
CL
15 pF
15 pF
15 pF
15 pF
15 pF
30 pF
30 pF
SN74AUC2G34
DUAL BUFFER GATE
SCES514A – NOVEMBER 2003 – REVISED MARCH 2006
Figure 1. Load Circuit and Voltage Waveforms
5
Submit Documentation Feedback


Número de pieza similar - SN74AUC2G34YEPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC2G34YZPR TI-SN74AUC2G34YZPR Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
More results

Descripción similar - SN74AUC2G34YEPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
   2.0 V to 3.6 V supply operation
logo
Vishay Siliconix
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
logo
Texas Instruments
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
logo
Dialog Semiconductor
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
   16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF321A RENESAS-AT25FF321A Datasheet
2Mb / 111P
   32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
2022-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com