Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL210JE Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADXL210JE
Descripción Electrónicos  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL210JE Datasheet(HTML) 3 Page - Analog Devices

  ADXL210JE Datasheet HTML 1Page - Analog Devices ADXL210JE Datasheet HTML 2Page - Analog Devices ADXL210JE Datasheet HTML 3Page - Analog Devices ADXL210JE Datasheet HTML 4Page - Analog Devices ADXL210JE Datasheet HTML 5Page - Analog Devices ADXL210JE Datasheet HTML 6Page - Analog Devices ADXL210JE Datasheet HTML 7Page - Analog Devices ADXL210JE Datasheet HTML 8Page - Analog Devices ADXL210JE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADXL210E
–3–
ABSOLUTE MAXIMUM RATINGS
*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . . 1000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.0 V
Output Short Circuit Duration, (Any Pin to Common)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . –55 C to +125 C
Storage Temperature . . . . . . . . . . . . . . . . . . –65 C to +150 C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Drops onto hard surfaces can cause shocks of greater than 1000 g and exceed the
absolute maximum rating of the device. Care should be exercised in handling to
avoid damage.
PACKAGE CHARACTERISTICS
Package
Weight
JA
JC
Device
8-Lead LCC
120
°C/W
TBD
°C/W
<1.0 grams
ORDERING GUIDE
No. of
Specified
Temperature
Package
Package
Model
Axes
Voltage
Range
Description
Option
ADXL210JE
2
3 V to 5 V
0 to 70 C
8-Lead LCC
E-8
ADXL210AE
*
2
3 V to 5 V
–40 C to +85 C
8-Lead LCC
E-8
*Available Soon
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1
ST
Self-Test
2
T2
Connect RSET to Set T2 Period
3
COM
Common
4YOUT
Y-Channel Duty Cycle Output
5XOUT
X-Channel Duty Cycle Output
6YFILT
Y-Channel Filter Pin
7XFILT
X-Channel Filter Pin
8VDD
3 V to 5.25 V
PIN CONFIGURATION
1
2
3
5
4
6
7
8
ST
T2
COM
XOUT
YFILT
XFILT
VDD
YOUT
BOTTOM VIEW
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADXL210E features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Número de pieza similar - ADXL210JE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL210JQC AD-ADXL210JQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
More results

Descripción similar - ADXL210JE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com