Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFR55 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza SFR55
Descripción Electrónicos  Standard metal film resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SFR55 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SFR55 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2001 Jan 17
4
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
5033E/5043E/5053H
Composition of the clear text code (NAFTA P/N)
• The resistors have an ordering code starting with 50
• The subsequent digits indicate the resistor type,
temperature coefficient, ohmic value, tolerance and
packaging; see Table 1
• The ohmic value is represented by 5 digits; see Table 2
• For temperature coefficient and tolerance, see Table 3.
Table 2
Examples of the ohmic value
Table 3
Letter coding for temperature coefficient and
tolerance
ORDERING EXAMPLE: CLEAR TEXT CODE
The ordering code of a SFR25 resistor, value 5600
Ω±1%,
taped on a bandolier of 5000 units in tape on reel is:
5043ED5K600F12AF5.
OHMIC
VALUE
5 DIGIT
VALUE
1
1R000
10
10R00
100
100R0
1k
1K000
10 k
10K00
100 k
100K0
1M
1M000
TC
(
×10−6/K)
LETTER
CODE
TOL.
(%)
LETTER
CODE
200
M
±5J
100
D
±1F
Composition of the 12NC
• The resistors have a 12-digit ordering code
starting with 23
• The subsequent 7 digits indicate the resistor type and
packaging; see Table 1.
• The remaining digits indicate the resistance value:
– The first 2 or 3 digits indicate the resistance value.
– The last digit indicates the resistance decade in
accordance with Tables 4 or 5.
Table 4
Last digit for
±5% tolerance
Table 5
Last digit for
±1% tolerance
ORDERING EXAMPLE: 12NC
The ordering code of a SFR25 resistor, value 5600
Ω±5%,
taped on a bandolier of 5000 units in ammopack is:
2322 181 43562.
RESISTANCE DECADE
LAST DIGIT
0.10 to 0.91
7
1to9.1
8
10 to 91
9
100 to 910
1
1to9.1 k
2
10 to 91 k
3
100 to 910 k
4
1to9.1 M
5
≥10 MΩ
6
RESISTANCE DECADE
LAST DIGIT
0.10 to 0.976
7
1to9.76
8
10 to 97.6
9
100 to 976
1
1to9.76 k
2
10 to 97.6 k
3
100 to 976 k
4
1to9.76 M
5
≥10 MΩ
6


Número de pieza similar - SFR55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MIC GROUP RECTIFIERS
SFR501 MIC-SFR501 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR502 MIC-SFR502 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR503 MIC-SFR503 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR504 MIC-SFR504 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR505 MIC-SFR505 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
More results

Descripción similar - SFR55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com