Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALS648-1N Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74ALS648-1N
Descripción Electrónicos  Transceiver/register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS648-1N Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS648-1N Datasheet HTML 1Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 2Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 3Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 4Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 5Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 6Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 7Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 8Page - NXP Semiconductors 74ALS648-1N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
74ALS646/74ALS646-1
74ALS648/74ALS648-1
Transceiver/register
74ALS646/646-1
Octal transceiver/register, non-inverting (3-State)
74ALS648/648-1
Octal transceiver/register, inverting (3-State)
2
1991 Feb 08
853–1408 01670
FEATURES
Combines 74ALS245 and two 74ALS374 type functions in
one chip
Independent registers for A and B buses
Multiplexed real-time and stored data
Choice of non-inverting and inverting data paths
3-State outputs
The -1 version sink 48mA I
OL within the ±5% VCC range
DESCRIPTION
The 74ALS646/74ALS646-1 and 74ALS648/74ALS648-1
transceivers/registers consist of bus transceiver circuits with 3-State
outputs, D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the input bus or the
internal registers. Data on the A or B bus will be clocked into the
registers as the appropriate clock pin goes High. Output enable
(OE) and direction (DIR) and select (SAB, SBA) pins are provided
for bus management.
The 74ALS646-1 and 74ALS648-1 will sink 48mA if the VCC is
limited to 5.0V
±0.25V.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS646/646-1
140MHz
48mA
74ALS648/648-1
140MHz
54mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
24-pin plastic DIP
74ALS646N, 74ALS646-1N,
74ALS648N, 74ALS648-1N
SOT222-1
24-pin plastic SOL
74ALS646D, 74ALS646-1D,
74ALS648D, 74ALS648-1D
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A7
A inputs
1.0/1.0
20
µA/0.1mA
B0 – B7
B inputs
1.0/1.0
20
µA/0.1mA
CPAB
A-to-B clock input
1.0/1.0
20
µA/0.1mA
CPBA
B-to-A clock input
1.0/1.0
20
µA/0.1mA
SAB
A-to-B select input
1.0/1.0
20
µA/0.1mA
SBA
B-to-A select input
1.0/1.0
20
µA/0.1mA
DIR
Data flow directional control input
1.0/1.0
20
µA/0.1mA
OE
Output enable input
1.0/1.0
20
µA/0.1mA
A0 – A7, B0 – B7
Data outputs
750/240
15mA/24mA
A0 – A7, B0 – B7
Data outputs (-1 version)
750/480
15mA/48mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.


Número de pieza similar - 74ALS648-1N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1 PHILIPS-74ALS645A-1 Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1N PHILIPS-74ALS645A-1N Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AD PHILIPS-74ALS645AD Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AN PHILIPS-74ALS645AN Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results

Descripción similar - 74ALS648-1N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALS651 PHILIPS-74ALS651 Datasheet
156Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com