Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AME5136 Datasheet(Hoja de datos) 4 Page - Analog Microelectronics

No. de Pieza. AME5136
Descripción  Integrated White LED Driver With Organic LED Display Power Supply
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo 

 
 4 page
background image
AME, Inc.
4
Integrated White LED Driver With
Organic LED Display Power Supply
AME5136
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature1
AME5136 x x x x xxx x- x
Output Voltage
n Ordering Information
Special Feature2
n Ordering Information
Note: ww represents the date code and pls refer to Date Code Rule page on Package Dimension.
* A line on top of the first letter represents lead free plating such as BDZ.
Please consult AME sales office or authorized Rep./Distributor for the availability of package type.
Part Number
Marking*
Output
Voltage
Package
Operating Ambient
Temperature Range
AME5136AEVBADJZ-3
BDZ
yyww
ADJ
DFN-10
(3mmx3mmx0.85mm)
-40
oC to +85oC
A
1. VIN
6. GND
E: -40
OC to +85OC V: DFN
B: 10
ADJ: Adjustable Z: Lead free
3: 3x3x0.85(mm) (LxWxH)
(DFN-10)
2. EN
7. FB2
3. SEL 8. CH2
4. FB1 9. OVP
5. CH1 10. SW
Special Feature2
(For DFN package only)
Output Voltage
Special
Feature1
Pin
Configuration
Operating Ambient
Temperature
Range
Package
Type
Number
of
Pins




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM3520Integrated White LED Driver with Organic LED Display Power Supply 1 2 3 4 5 MoreNational Semiconductor (TI)
FAN5332AHigh Efficiency High Current Serial LED Driver and OLED Supply with 30V Integrated Switch 1 2 3 4 5 MoreFairchild Semiconductor
SA9106ASINGLE PHASE WATT MEASUREMENT IC WITH INTEGRATED 5 DIGIT LED DISPLAY DRIVER 1 2 3 4 5 MoreSames
LM27965Dual Display White LED Driver with I2C Compatible Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
BD6023AGUPower supply for CCD camera/White LED driver/RGB LED driver of mobile phone 1 2 3 4 5 MoreRohm
BD6025GUPower supply for CCD camera/White LED driver/RGB LED driver for mobile phone 1 2 3 4 5 MoreRohm
BD6026GUPower supply for CCD camera/White LED driver/RGB LED driver of mobile phone 1 2 3 4 5 MoreRohm
HD66787528-channel One-chip Driver with 262 144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT LTPS-TFT Panels with Incorporat 1 2 3 4 5 MoreRenesas Technology Corp
NJU6051White LED Driver with Automatic Dimming Control 1 2 3 4 5 MoreNew Japan Radio
STCF02High Power White Led Driver 1 2 3 4 STMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl