Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSIC-106 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

No. de pieza TSIC-106
Descripción Electrónicos  Rapid Response, Low-Cost Temperature Sensor IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZMD [Zentrum Mikroelektronik Dresden AG]
Página de inicio  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC-106 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  TSIC-106 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC-106 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TSic™- 106
Rapid Response, Low-Cost Temperature Sensor IC
Feature Sheet
TSic
TM 106 Feature Sheet, Rev.3.3, July 18, 2005
Page 1 of 2
© ZMD AG & IST AG, 2005
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner.
Features
Low cost, precision temperature sensor
Single-wire 11-bit digital serial signal output
compatible with state-of-the-art µP controllers
Communication range > 10 meters
Resolution: better than 0.1ºC
Accuracy: ±0.5ºC at room temperature;
±1.0
oC over span of 40°C
Wide measurement range: –50 to +150 ºC
Signal read-out every 0.1s (other rates available
on request)
V+ supply voltage: 2.97 to 5.5V (industry
standard); 3.3V or 5V (±10%) power supplies
Package: 8-pin SOIC
Low quiescent current: <80µA at 25°C with 3.3V –
minimizes self-heating errors for applications such
as wall-mounted thermostats
System-on-a-chip based on advanced mixed-
signal technology integrating precision tempera-
ture sensing bandgap reference with proportional-
to-absolute-temperature (PTAT) output, digital
signal processor (DSP) core, and electrically
erasable memory (EEPROM)
Package Information
TSic
TM 106 SOP8: 150mil, Standard SMT Package,
SOIC, Based on IEC 191-2Q, Type 076E35 B.
Other packages available on demand: TSic
TM 106
e-line; 3 pin THT package; TSic
TM 106 bare die or
wafer level.
Pin
Name
Description
1
V+
Supply voltage
(3.0-5.5V)
2
Signal
Temperature
output signal
4
Gnd
Ground
3,
5-8
TP/NC
Test pin / NC
Do not connect
Brief Description
The TSic
™ temperature sensor IC family are fully test-
ed and calibrated sensors with absolute measurement
accuracy on delivery – no further calibration needed.
The TSic
™ combines outstanding accuracy with long
term stability, yet it is very simple to use.
The TSic
™ series is specifically designed for high per-
formance, cost-effective solutions for sensing temper-
ature in building automation, automotive, industrial,
office automation, white goods and low-power/mobile
applications.
TSic
™ employs a high precision bandgap reference
with PTAT output; a low-power, precision ADC; and
an on-chip DSP core with EEPROM to precisely cali-
brate the output temperature signal. The TSic
™ series
includes ICs with two linear analog signal output
options, such as standard 0~1Vout (V+ = 2.97V to
5.5V) or ratiometric (10~90% of V+; i.e., 0.5~4.5Vout
@ V+ = 5V) or the digital serial output signal for
interfacing with
µP controllers.
Benefits
Several accuracy classes available with 100%
upward compatibility
No calibration by customer needed; absolute
calibration specified
Simple to integrate, reducing cost and time for
application-development
Fast data measurement – optimal for temper-
ature control
Packages for standard SMD, THT or applica-
tion specific assembly
Miniaturized solutions with Bare-Chip (COB,
COF, CSP*) or e-line packages – very fast
response time for COF
Very low power consumption – ideal for
mobile and standard applications
Field reconfiguration/recalibration option
available (high volume customers only)
Outstanding long term stability
* COB: Chip-On-Board; COF: Chip-On-Flex; CSP: Chip Scale Packaging


Número de pieza similar - TSIC-106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
More results

Descripción similar - TSIC-106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zentrum Mikroelektronik...
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
   Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
TSIC-506 ZMD-TSIC-506 Datasheet
455Kb / 2P
   High Resolution, High Precision, Rapid Response Temperature Sensor IC
TSIC-301 ZMD-TSIC-301 Datasheet
168Kb / 3P
   High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-201 ZMD-TSIC-201 Datasheet
168Kb / 3P
   Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
logo
Analog Devices
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com