Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCA-325-YV7 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza FCA-325-YV7
Descripción Electrónicos  Mid-Range Military/Aerospace Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-325-YV7 Datasheet(HTML) 1 Page - Tyco Electronics

  FCA-325-YV7 Datasheet HTML 1Page - Tyco Electronics FCA-325-YV7 Datasheet HTML 2Page - Tyco Electronics FCA-325-YV7 Datasheet HTML 3Page - Tyco Electronics FCA-325-YV7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16
115/200VAC
400Hz-30
TYPE OF
LOAD
LIFE (MIN.)
CYCLES X 103
28 VDC
115VAC
400HZ
Resistive
Inductive
Inductive
Motor
Lamp
50
10
20
50
50
25
12
-
10
5
25
-
15
10
5
* 60 Hz LOADS RATED FOR 10,000 OPERATIONS
Ratings Are Continuous Duty
OVERLOAD CURRENT 50 AMPS DC, 80 AMPS 400HZ
RUPTURE CURRENT 60 AMPS DC, 100 AMPS 400HZ
CONTACT MAKE BOUNCE 1 MILLISECOND AT NOMINAL VOLTAGE
MAX. CONTACT DROP AT 25 AMPS: INITIAL 0.150 VOLTS.
END OF LIFE 0.175 VOLTS
CONTACT RATING-AMPERES
The Series FCA-325 relay is a polarized single-side stable design, where the flux from a permanent
magnet provides the armature holding force in the deactivated state, and its flux path is switched
and combined with the coil flux in the operated state. This results in appreciably increased contact
pressure in both states over that of a spring return nonpolar design. We also manufacture other
versions of this relay:
FCA-125: 25 AMP SPDT RELAY
FCAC-325: 25 AMP 3PST RELAY WITH 2 AMP SPDT AUXILIARY CONTACTS
q HERMETICALLY SEALED
q ALL WELDED CONSTRUCTION
q BALANCED FORCE
q PERMANENT MAGNET DRIVE
q CONTACTS: SILVER CADMIUM
OXIDE WITH GOLD PLATING
q COILS FOR DC, 50 TO 400Hz AND 400Hz AC
q WEIGHT 2.89 OUNCES MAX. ( 82 GRAMS)
2.5
2.5
-
2.0
1.0
115/200VAC
60Hz-30 *
25
-
15
10
5
FCA-325
25 AMPERES, 3PDT
SERIES
Tyco Electronics Mid-Range Military/Aerospace Relays
QPL APPROVED
Qualified
to M
IL-R-83536


Número de pieza similar - FCA-325-YV7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
More results

Descripción similar - FCA-325-YV7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
List of Unclassifed Man...
FCB-205 ETC2-FCB-205 Datasheet
83Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 5 AMPERES, DPDT
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com