|
| SIDC30D120E6 |
|
||
|
INFINEON |
|
2 page
Preliminary SIDC30D120E6 Edited by INFINEON Technologies AI PS DD HV3, L 4182P, Edition 1, 8.01.2002 Maximum Ratings Parameter Symbol Condition Value Unit Repetitive peak reverse voltage V RRM 1200 V Continuous forward current limited by Tjmax I F 35 Single pulse forward current (depending on wire bond configuration) I FSM tP = 10 ms sinusoidal tbd Maximum repetitive forward current limited by Tjmax I FRM 70 A Operating junction and storage temperature Tj , Tstg -55...+150 °C Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified Value Parameter Symbol Conditions min. Typ. max. Unit Reverse leakage current I R V R=1200V Tj=25 ° C 27 µA Cathode-Anode breakdown Voltage V Br I R=2mA Tj=25°C 1200 V Forward voltage drop V F I F=35A Tj=25 ° C 1.9 V Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component Value Parameter Symbol Conditions min. Typ. max. Unit t rr1 IF=35A Tj =25°C tbd Reverse recovery time t rr2 di/dt=910A/ µs VR=600V Tj =125°C ns I RRM1 Tj =25°C 36.8 Peak recovery current I RRM2 IF=35A di/dt=910A/ µs VR= 600V Tj =125°C 46.3 A Qrr1 Tj=25 ° C 3.55 Reverse recovery charge Qrr2 IF=35A di/dt=910A/ µs VR= 600V Tj=125 ° C 7.63 µC dirr1/dt Tj= 25 ° C tbd Peak rate of fall of reverse recovery current dirr2/dt IF=35A di/dt=910A/ µs VR= 600V Tj=125 ° C A/ µs S1 Tj=25 ° C tbd Softness S2 IF=35A di/dt=910A/ µs VR= 600V Tj=125 ° C 1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| SIDC01D120H6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC23D120H6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC56D120F6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC08D120F6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC56D170E6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC02D60F6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC08D120H6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC30D60E6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC73D170E6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
| SIDC09D60E6 | Fast switching diode chip in EMCON-Technology | 1 2 3 4 | Infineon Technologies AG |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |