Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVT16344 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74ALVT16344
Descripción Electrónicos  2.5V/3.3V 1-to-4 address driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16344 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVT16344 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16344
2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
4
LOGIC DIAGRAM
SV01736
2
3
5
6
9
10
12
13
16
17
19
20
23
24
26
27
34
33
31
30
41
40
38
37
48
47
45
44
55
54
52
51
OE4
OE2
OE3
OE1
56
28
29
1
8
14
15
21
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
5Y0
5Y1
5Y2
5Y3
6Y0
6Y1
6Y2
6Y3
7Y0
7Y1
7Y2
373
8Y0
8Y1
8Y2
8Y3
1A
2A
3A
4A
36
42
43
49
5A
6A
7A
8A


Número de pieza similar - 74ALVT16344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
More results

Descripción similar - 74ALVT16344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74ALVT162731 PHILIPS-74ALVT162731 Datasheet
94Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
1999 Mar 23
logo
Pericom Semiconductor C...
PI74AVC16345 PERICOM-PI74AVC16345 Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
logo
Renesas Technology Corp
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
   1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16832 TI1-SN74ALVCH16832_08 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com