Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC22CD182D-T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza MC22CD182D-T
Descripción Electrónicos  High-Frequency, High-Stability Chip for Instruments and RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

MC22CD182D-T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MC22CD182D-T Datasheet HTML 1Page - List of Unclassifed Manufacturers MC22CD182D-T Datasheet HTML 2Page - List of Unclassifed Manufacturers MC22CD182D-T Datasheet HTML 3Page - List of Unclassifed Manufacturers MC22CD182D-T Datasheet HTML 4Page - List of Unclassifed Manufacturers MC22CD182D-T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.034
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Type MC, Surface-Mount Mica Chip Capacitors
Surface-Mount Chip Mica Capacitors for Auto Insertion
.078
±.02
(2
±.5)
.83
±.03
(21
±.8)
.51
±.02
(13
±.5)
3.15
(80)
7.0
±.08
(178
±2)
P1
P2
P0
t
T
D
B
C
d
Carrier Dimensions
Item
Symbol
Case Code
08
12
18
22
Sprocket hole pitch
P1
.157
±.008 (4.0±0.2)
Sprocket hole location
B
.069
±.008 (1.75±0.2)
Hole center to cavity center
C
.138
±.002 (3.5±0.05)
.217
±.004 (5.5±0.1)
Carrier tape width
D
.315
±.012 (8.0±0.3)
.472
±.012 (12.0±0.3)
Sprocket hole diameter
d
.059
(1.5 )
Cavity pitch
P0
.157
±.004 (4.0±0.1)
.315
±.008 (8.0±0.2)
Hole center to cavity center
P2
.079
±.004 (2.0±0.1)
Cavity length
L
.110
(2.8 )
.150
(3.8 )
.205
(5.2 )
.246
(6.25 )
Cavity width
W
.075
±.008 (1.9±0.2) .118±.008 (3.0±0.2) .161±.008 (4.1±0.2) .217±.008 (5.5±0.2)
Cavity depth
T
.051
±.004 (1.3±0.1)
.059
±.004 (1.5±0.1) .071±.004 (1.8±0.1) .087±.004 (2.2±0.1)
Carrier tape thickness
t
.012
±.002 (0.3±0.05)
Holder distance
W1
.354
(9.0 )
.512
(13.0 )
Reel thickness
W2
about .47 (12)
about .63 (16)
+0.2
-0.1
+.008
-.004
+0.2
-0.1
+.008
-.004
+0.2
-0.1
+.008
-.004
+0.2
-0.1
+.008
-.004
+.002
-0
+0.1
-0
+.08
-.02
+2
-0.5
+2
-0.5
+.08
-.02
L
W
W1
W2
.078
±.02
(2
±0.5)
8942 1.030-1.034
4/3/2000 6:17 PM
Page 34


Número de pieza similar - MC22CD182D-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
MC2201 VBSEMI-MC2201 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
MC2205 VBSEMI-MC2205 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
ATGBICS by Approved Tec...
MC2206125-007-C ATGBICS-MC2206125-007-C Datasheet
331Kb / 8P
   MC2206125-007 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (7m, Passive)
MC2206128-005-C ATGBICS-MC2206128-005-C Datasheet
332Kb / 8P
   MC2206128-005 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (5m, Passive)
MC2206130-001-C ATGBICS-MC2206130-001-C Datasheet
331Kb / 8P
   MC2206130-001 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (1m, Passive)
More results

Descripción similar - MC22CD182D-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
OZ-SERIES TXC-OZ-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
8Z-SERIES TXC-8Z-SERIES Datasheet
973Kb / 1P
   High precision and high frequency stability.
7M-SERIES TXC-7M-SERIES Datasheet
978Kb / 1P
   High precision and hig frequency stability.
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Advanced XTAL Products
AXIOM9000 AXTAL-AXIOM9000 Datasheet
479Kb / 5P
   Very High Frequency Stability
AXDO9000 AXTAL-AXDO9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com