Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-BG11-N0TDD Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-BG11-N0TDD
Descripción Electrónicos  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-BG11-N0TDD Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMP-BG11-N0TDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-BG11-N0TDD Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 1. Relative intensity vs. wavelength.
Figure 2. Blue, green forward current vs.
forward voltage.
WAVELENGTH – nm
1.0
0.5
0
400
500
600
700
450
550
650
0.4
0.3
0.2
0.1
0.6
0.7
0.8
0.9
BLUE
GREEN
AMBER
RED
0
30
25
15
10
VF – FORWARD VOLTAGE – V
2.4
2.8
3.2
3.6
5
20
2.6
3.0
3.4
Figure 3a. Amber, red forward current vs.
forward voltage.
Figure 4. Blue, green relative luminous
intensity vs. forward current.
0
1.5
0.5
IF – FORWARD CURRENT – mA
010
20
30
1.0
515
25
0
70
60
40
20
VF – FORWARD VOLTAGE – V
1.0
3.0
AMBER
1.5
2.0
2.5
10
30
50
RED
Figure 3b. Forward current vs. forward
voltage for option -xxTxx red, and option
-xxRxx and -xxSxx amber.
0
40
20
FORWARD VOLTAGE – V
0
3.0
1.0
1.5
2.5
10
30
50
0.5
2.0
AMBER
RED
Figure 6. Blue, green maximum forward
current vs. ambient temperature.
Figure 7. Amber, red maximum forward
current vs. ambient temperature.
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
40
20
10
20
60
30
100
5
15
25
35
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
RqJA = 585° C/W
RqJA = 780° C/W
Figure 5. Amber, red relative luminous
intensity vs. forward current.
0
0
FORWARD CURRENT – mA
20
30
2.0
1.0
50
0.5
1.5
2.5
10
40
AMBER
RED


Número de pieza similar - HLMP-BG11-N0TDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BGXX AVAGO-HLMP-BGXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Descripción similar - HLMP-BG11-N0TDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com