Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5264B Datasheet(PDF) 1 Page - Weitron Technology

No. de pieza 1N5264B
Descripción Electrónicos  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1N5264B Datasheet(HTML) 1 Page - Weitron Technology

  1N5264B Datasheet HTML 1Page - Weitron Technology 1N5264B Datasheet HTML 2Page - Weitron Technology 1N5264B Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DO-35 Outline Dimensions
* High Rliability
* Very Sharp Reverse Characteristic
* Low Reverse Current Level
* VZ-Tolerance ± 5%
* Voltage stabilization
*Case : DO-35 Glass Case
*Weight : Approx 0.13 gram
Mechanical Data:
Features:
WEITRON
http//www.weitron.com.tw
1N5221B Series
SMALL SIGNAL
ZENER DIODES
0.5WATTS
DO-35
Unit:mm
D
C
A
B
A
DIM
DO-35
A
Min
26.0
Max
-
B
Min
Max
-
4.20
C
Min
Max
-
0.55
D
Min
Max
-
2.0
Surface Mount Zener Diodes
Lead(Pb)-Free
P b
1/3
18-Jul-06


Número de pieza similar - 1N5264B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gaomi Xinghe Electronic...
1N5264B GXELECTRONICS-1N5264B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
Vishay Siliconix
1N5264B VISHAY-1N5264B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Sangdest Microelectroni...
1N5264B SMC-1N5264B Datasheet
294Kb / 5P
   ZENER DIODES
logo
First Components Intern...
1N5264B FCI-1N5264B Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
logo
EIC discrete Semiconduc...
1N5264B EIC-1N5264B Datasheet
38Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N5264B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com