Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14LC5480SD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

No. de pieza MC14LC5480SD
Descripción Electrónicos  5 V PCM Codec-Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14LC5480SD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC14LC5480SD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14LC5480SD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Advance Information
5 V PCM Codec-Filter
The MC14LC5480 is a general purpose per channel PCM Codec–Filter with
pin selectable Mu–Law or A–Law companding, and is offered in 20–pin DIP,
SOG, and SSOP packages. This device performs the voice digitization and
reconstruction as well as the band limiting and smoothing required for PCM
systems. This device is designed to operate in both synchronous and
asynchronous applications and contains an on–chip precision reference
voltage.
This device has an input operational amplifier whose output is the input to the
encoder section. The encoder section immediately low–pass filters the analog
signal with an active R–C filter to eliminate very high frequency noise from being
modulated down to the passband by the switched capacitor filter. From the
active R–C filter, the analog signal is converted to a differential signal. From this
point, all analog signal processing is done differentially. This allows processing
of an analog signal that is twice the amplitude allowed by a single–ended
design, which reduces the significance of noise to both the inverted and
non–inverted signal paths. Another advantage of this differential design is that
noise injected via the power supplies is a common–mode signal that is
cancelled when the inverted and non–inverted signals are recombined. This
dramatically improves the power supply rejection ratio.
After the differential converter, a differential switched capacitor filter band–
passes the analog signal from 200 Hz to 3400 Hz before the signal is digitized
by the differential compressing A/D converter.
The decoder accepts PCM data and expands it using a differential D/A
converter. The output of the D/A is low–pass filtered at 3400 Hz and sinX/X
compensated by a differential switched capacitor filter. The signal is then filtered
by an active R–C filter to eliminate the out–of–band energy of the switched
capacitor filter.
The MC14LC5480 PCM Codec–Filter accepts a variety of clock formats,
including Short Frame Sync, Long Frame Sync, IDL, and GCI timing
environments. This device also maintains compatibility with Motorola’s family of
Telecommunication products, including the MC14LC5472 U–Interface Trans-
ceiver, MC145474/75 S/T–Interface Transceiver, MC145532 ADPCM Trans-
coder, MC145422/26 UDLT–1, MC145421/25 UDLT–2, and MC3419/MC33120
SLIC.
The MC14LC5480 PCM Codec–Filter utilizes CMOS due to its reliable
low–power performance and proven capability for complex analog/digital VLSI
functions.
• Pin for Pin Replacement for the MC145480
• Single 5 V Power Supply
• Typical Power Dissipation of 15 mW, Power–Down of 0.01 mW
• Fully–Differential Analog Circuit Design for Lowest Noise
• Transmit Band–Pass and Receive Low–Pass Filters On–Chip
• Active R–C Pre–Filtering and Post–Filtering
• Mu–Law and A–Law Companding by Pin Selection
• On–Chip Precision Reference Voltage (1.575 V)
• Push–Pull 300 Ω Power Drivers with External Gain Adjust
• MC145536EVK is the Evaluation Kit that Also Includes the MC145532
ADPCM Transcoder
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MC14LC5480/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC14LC5480
DW SUFFIX
SOG PACKAGE
CASE 751D
P SUFFIX
PLASTIC DIP
CASE 738
ORDERING INFORMATION
MC14LC5480P
Plastic DIP
MC14LC5480DW
SOG Package
MC14LC5480SD
SSOP
20
1
20
1
VDD
PO-
PI
RO-
RO+
PDI
BCLKR
DR
FSR
PO+
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Mu/A
TG
TI-
TI+
VAG
MCLK
BCLKT
DT
FST
VSS
SD SUFFIX
SSOP
CASE 940C
20
1
REV 0.1
5/96
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC14LC5480SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447DW MOTOROLA-MC14LC5447DW Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447P MOTOROLA-MC14LC5447P Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
More results

Descripción similar - MC14LC5480SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
XC145481 MOTOROLA-XC145481 Datasheet
88Kb / 4P
   3 V PCM Codec-Filter
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com