Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2831ZMFX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2831ZMFX
Descripción Electrónicos  High Frequency 1.5A Load - Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2831ZMFX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2831ZMFX Datasheet HTML 7Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 8Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 9Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 10Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 11Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 12Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 13Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 14Page - National Semiconductor (TI) LM2831ZMFX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Applications Information
THEORY OF OPERATION
The LM2831 is a constant frequency PWM buck regulator IC
that delivers a 1.5A load current. The regulator has a preset
switching frequency of 550kHz, 1.6MHz, or 3.0MHz. This
high frequency allows the LM2831 to operate with small
surface mount capacitors and inductors, resulting in a
DC/DC converter that requires a minimum amount of board
space. The LM2831 is internally compensated, so it is simple
to use and requires few external components. The LM2831
uses current-mode control to regulate the output voltage.
The following operating description of the LM2831 will refer
to the Simplified Block Diagram (Figure 1) and to the wave-
forms in Figure 2. The LM2831 supplies a regulated output
voltage by switching the internal PMOS control switch at
constant frequency and variable duty cycle. A switching
cycle begins at the falling edge of the reset pulse generated
by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal PMOS control
switch. During this on-time, the SW pin voltage (V
SW) swings
up to approximately V
IN, and the inductor current (IL) in-
creases with a linear slope. I
L is measured by the current
sense amplifier, which generates an output proportional to
the switch current. The sense signal is summed with the
regulator’s corrective ramp and compared to the error am-
plifier’s output, which is proportional to the difference be-
tween the feedback voltage and V
REF. When the PWM
comparator output goes high, the output switch turns off until
the next switching cycle begins. During the switch off-time,
inductor current discharges through the Schottky catch di-
ode, which forces the SW pin to swing below ground by the
forward voltage (V
D) of the Schottky catch diode. The regu-
lator loop adjusts the duty cycle (D) to maintain a constant
output voltage.
SOFT-START
This function forces V
OUT to increase at a controlled rate
during start up. During soft-start, the error amplifier’s refer-
ence voltage ramps from 0V to its nominal value of 0.6V in
approximately 600 µs. This forces the regulator output to
ramp up in a controlled fashion, which helps reduce inrush
current.
OUTPUT OVERVOLTAGE PROTECTION
The over-voltage comparator compares the FB pin voltage
to a voltage that is 15% higher than the internal reference
V
REF. Once the FB pin voltage goes 15% above the internal
reference, the internal PMOS control switch is turned off,
which allows the output voltage to decrease toward regula-
tion.
UNDERVOLTAGE LOCKOUT
Under-voltage lockout (UVLO) prevents the LM2831 from
operating until the input voltage exceeds 2.73V (typ). The
UVLO threshold has approximately 430 mV of hysteresis, so
the part will operate until V
IN drops below 2.3V (typ). Hys-
teresis prevents the part from turning off during power up if
V
IN is non-monotonic.
CURRENT LIMIT
The LM2831 uses cycle-by-cycle current limiting to protect
the output switch. During each switching cycle, a current limit
comparator detects if the output switch current exceeds 2.5A
(typ), and turns off the switch until the next switching cycle
begins.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning
off the output switch when the IC junction temperature ex-
ceeds 165˚C. After thermal shutdown occurs, the output
switch doesn’t turn on until the junction temperature drops to
approximately 150˚C.
Design Guide
INDUCTOR SELECTION
The Duty Cycle (D) can be approximated quickly using the
ratio of output voltage (V
O) to input voltage (VIN):
The catch diode (D1) forward voltage drop and the voltage
drop across the internal PMOS must be included to calculate
a more accurate duty cycle. Calculate D by using the follow-
ing formula:
V
SW can be approximated by:
V
SW =IOUT xRDSON
The diode forward drop (V
D) can range from 0.3V to 0.7V
depending on the quality of the diode. The lower the V
D, the
higher the operating efficiency of the converter. The inductor
value determines the output ripple current. Lower inductor
values decrease the size of the inductor, but increase the
output ripple current. An increase in the inductor value will
decrease the output ripple current.
One must ensure that the minimum current limit (1.8A) is not
exceeded, so the peak current in the inductor must be
calculated. The peak current (I
LPK) in the inductor is calcu-
lated by:
I
LPK =IOUT +
∆i
L
20174866
FIGURE 2. Typical Waveforms
www.national.com
11


Número de pieza similar - LM2831ZMFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2831ZMF/NOPB TI-LM2831ZMF/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
More results

Descripción similar - LM2831ZMFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com