Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL29X-020-0100 Datasheet(PDF) 4 Page - DB Lectro Inc

No. de pieza TL29X-020-0100
Descripción Electrónicos  LOW PROFILE ENCAPSULATED TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DBLECTRO [DB Lectro Inc]
Página de inicio  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL29X-020-0100 Datasheet(HTML) 4 Page - DB Lectro Inc

  TL29X-020-0100 Datasheet HTML 1Page - DB Lectro Inc TL29X-020-0100 Datasheet HTML 2Page - DB Lectro Inc TL29X-020-0100 Datasheet HTML 3Page - DB Lectro Inc TL29X-020-0100 Datasheet HTML 4Page - DB Lectro Inc TL29X-020-0100 Datasheet HTML 5Page - DB Lectro Inc TL29X-020-0100 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW PROFILE
ENCAPSULATED
TRANSFORMER
Secondary RMS Rating
Series
Part Number
Input Voltage
(V)
Series
Parallel
2VA
TL29X-005-0200
TL29X-006-0166
TL29X-008-0125
TL29X-009-0111
TL29X-010-0100
TL29X-012-0083
TL29X-015-0066
TL29X-017-0059
TL29X-018-0055
TL29X-020-0050
TL29X-021-0047
TL29X-024-0041
TL29X-028-0036
TL29X-115-0009
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@200mA
@166mA
@125mA
@111mA
@100mA
@83mA
@66mA
@59mA
@55mA
@50mA
@47mA
@41mA
@36mA
@9mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@400mA
@332mA
@250mA
@222mA
@200mA
@166mA
@132mA
@118mA
@110mA
@100mA
@94mA
@82mA
@72mA
@18mA
3VA
TL29X-005-0300
TL29X-006-0250
TL29X-008-0187
TL29X-009-0166
TL29X-010-0150
TL29X-012-0125
TL29X-015-0100
TL29X-017-0088
TL29X-018-0083
TL29X-020-0075
TL29X-021-0071
TL29X-024-0063
TL29X-028-0053
TL29X-115-0013
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@300mA
@250mA
@187mA
@166mA
@150mA
@125mA
@100mA
@88mA
@83mA
@75mA
@71mA
@63mA
@53mA
@13mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@600mA
@500mA
@374mA
@332mA
@300mA
@250mA
@200mA
@176mA
@166mA
@150mA
@142mA
@126mA
@106mA
@26mA
4VA
TL29X-005-0400
TL29X-006-0333
TL29X-008-0250
TL29X-009-0222
TL29X-010-0200
TL29X-012-0166
TL29X-015-0133
TL29X-017-0118
TL29X-018-0111
TL29X-020-0100
TL29X-021-0095
TL29X-024-0083
TL29X-028-0071
TL29X-115-0017
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@400mA
@333mA
@250mA
@222mA
@200mA
@166mA
@133mA
@118mA
@111mA
@100mA
@95mA
@83mA
@71mA
@17mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@800mA
@666mA
@500mA
@444mA
@400mA
@332mA
@266mA
@236mA
@222mA
@200mA
@190mA
@166mA
@142mA
@34mA
6VA
TL29X-005-0600
TL29X-006-0500
TL29X-008-0375
TL29X-009-0333
TL29X-010-0300
TL29X-012-0250
TL29X-015-0200
TL29X-017-0176
TL29X-018-0166
TL29X-020-0150
TL29X-021-0142
TL29X-024-0125
TL29X-028-0107
TL29X-115-0026
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@600mA
@500mA
@375mA
@333mA
@300mA
@250mA
@200mA
@176mA
@166mA
@150mA
@142mA
@125mA
@107mA
@26mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@1200mA
@1000mA
@750mA
@666mA
@600mA
@500mA
@400mA
@352mA
@332mA
@300mA
@284mA
@250mA
@214mA
@52mA
DB LECTRO Inc.
3600 boul. Matte suite i Brossarc Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Número de pieza similar - TL29X-020-0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TL297002AV TRANSKO-TL297002AV Datasheet
634Kb / 4P
   297.00 MHz IF SAW Filter / 2.95 MHz Bandwidth
Revision 0: 25 Jul. 2012
More results

Descripción similar - TL29X-020-0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
DB Lectro Inc
TL30S-060-100 DBLECTRO-TL30S-060-100 Datasheet
398Kb / 7P
   STANDARD ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
   LOW PROFILE HYBRID TRANSFORMER
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
   Low Profile Power Transformer
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
   Low Profile Power Transformer
logo
Rhombus Industries Inc.
T-31008 RHOMBUS-IND-T-31008 Datasheet
28Kb / 1P
   Low Profile Coupling Transformer
logo
Allied Components Inter...
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
   Low Profile Power Transformer
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com