Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YWW7640AF Datasheet(PDF) 9 Page - IC MICROSYSTEMS

No. de pieza YWW7640AF
Descripción Electrónicos  Secure SerialFlash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICMIC [IC MICROSYSTEMS]
Página de inicio  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

YWW7640AF Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button YWW7640AF Datasheet HTML 5Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 6Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 7Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 8Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 9Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 10Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 11Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 12Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
X76F400
Characteristics subject to change without notice.
9 of 14
REV 1.0 7/5/00
www.icmic.com
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
3V
1.3KΟ
Output
100pF
5V
1.53KΟ
Output
100pF
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
Output load
100pF
AC CHARACTERISTICS (TA = -40°C to +85°C, VCC = +2.5V to +5.5V, unless otherwise specified)
Notes: (1)Cb = total capacitance of one bus line in pF
(2)tAA = 1.1µs Max below VCC = 2.5V.
RESET AC SPECIFICATIONS
Power Up Timing
Notes: (1)Delays are measured from the time VCC is stable until the specified operation can be initiated. These parameters are periodically sampled
and not 100% tested.
(2)Typical values are for TA = 25°C and VCC = 5.0V
Symbol
Parameter
Min.
Max.
Unit
fSCL
SCL clock frequency
0
1
MHz
tAA(2)
SCL LOW to SDA data out valid
0.1
0.9
µs
tBUF
Time the Bus must be free before a new transmission can start
1.2
µs
tHD:STA
Start condition hold time
0.6
µs
tLOW
Clock LOW period
1.2
µs
tHIGH
Clock HIGH period
0.6
µs
tSU:STA
Start condition setup time (for a repeated start condition)
0.6
µs
tHD:DAT
Data in hold time
10
ns
tSU:DAT
Data in setup time
100
ns
tR
SDA and SCL rise time
20+0.1XCb(1)
300
ns
tF
SDA and SCL fall time
20+0.1XCb(1)
300
ns
tSU:STO
Stop condition setup time
0.6
µs
tDH
Data out hold time
0
µs
tNOL
RST to SCL non-overlap
500
ns
tRDV
RST LOW to SDA valid during response to reset
0
450
ns
tCDV
CLK LOW to SDA valid during response to reset
0
450
ns
tRST
RST high time
1.5
µs
tSU:RST
RST setup time
500
ns
Symbol
Parameter
Min.
Typ.
(2)
Max.
Unit
tPUR(1)
Time from power up to read
1
ms
tPUW(1)
Time from power up to write
5
ms


Descripción similar - YWW7640AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com