Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F674 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74F674
Descripción Electrónicos  16-bit serial/parallel-in, serial-out shift register 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F674 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F674 Datasheet HTML 1Page - NXP Semiconductors 74F674 Datasheet HTML 2Page - NXP Semiconductors 74F674 Datasheet HTML 3Page - NXP Semiconductors 74F674 Datasheet HTML 4Page - NXP Semiconductors 74F674 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors
Product specification
74F674
16-bit serial/parallel-in, serial-out shift register (3-State)
1989 Feb 05
5
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
tW(H)
CP
SI/O
VM
VM
VM
VM
VM
1/fMAX
tW(L)
tPHL
tPLH
SF01192
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
VM
VM
VM
VM
VM
ts(H)
ts(L)
th(H)
th(L)
CP
Dn, CS,
M, R/W,
SI/O
SF01193
Waveform 2. Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
CS, R/W
SI/O
VOH -0.3V
0V
SF01194
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
CS, R/W
SI/O
VOL +0.3V
SF01195
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION


Número de pieza similar - 74F674

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
logo
Fairchild Semiconductor
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673APC FAIRCHILD-74F673APC Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673ASC FAIRCHILD-74F673ASC Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673ASPC FAIRCHILD-74F673ASPC Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
More results

Descripción similar - 74F674

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com