Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F8961 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74F8961
Descripción Electrónicos  Octal latched bidirectional Futurebus transceivers 3-State open-collector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8961 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74F8961 Datasheet HTML 3Page - NXP Semiconductors 74F8961 Datasheet HTML 4Page - NXP Semiconductors 74F8961 Datasheet HTML 5Page - NXP Semiconductors 74F8961 Datasheet HTML 6Page - NXP Semiconductors 74F8961 Datasheet HTML 7Page - NXP Semiconductors 74F8961 Datasheet HTML 8Page - NXP Semiconductors 74F8961 Datasheet HTML 9Page - NXP Semiconductors 74F8961 Datasheet HTML 10Page - NXP Semiconductors 74F8961 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Philips Semiconductors FAST Products
Product specification
74F8960/74F8961
Octal latched bidirectional Futurebus transceivers
(3-State + open-collector)
December 19, 1990
11
AC WAVEFORMS
VM
VM
VM
VM
Waveform 1. Propagation delay for data to output
Waveform 3. Data setup and hold times and LE pulse width
Waveform 4. 3–state output enable time to high level
and output disable time from high level
Waveform 5. 3-state output enable time to low level
and output disable time from low level
LE
VM
VM
VM
VM
VM
VM
ts(L)
ts(H)
th(L)
th(H)
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEA
An
OEA
An
An
An, Bn
An, Bn, OEBn
tPLH
tPHL
VM
tw(L)
VM
VM
VM
VM
Waveform 2. Propagation delay for data to output
An, Bn
An, Bn, OEBn
tPHL
tPLH
NOTES:
1. For all waveforms, VM = 1.5V.
2. The shaded areas indicate when the input is permitted to change for predictable output performance.
TEST CIRCUITS AND WAVEFORMS
CD
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
Low V
Low V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
Input pulse definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test circuit for 3–state outputs on A port
DEFINITIONS:
RL = Load resistor; see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value.
RU = Pull up resistor; see AC electrical characteristics for value.
CD = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
VM
RL
7.0V
VCC
D.U.T.
PULSE
GENERATOR
RT
VIN
VOUT
Test circuit for outputs on B port
RU
7.0V
Low V
SWITCH POSITION
TEST
SWITCH
closed
open
All other
tPLZ, tPZL
A port
3.0V
0.0V
1.5V
1MHz
500ns
2.5ns
2.5ns
B port
3.0V
1.0V
1.5V
1MHz
500ns
4.0ns
4.0ns


Número de pieza similar - 74F8961

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
74F8966 PHILIPS-74F8966 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Descripción similar - 74F8961

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
   Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
logo
Hitachi Semiconductor
HD74LVC245A HITACHI-HD74LVC245A Datasheet
51Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
   Octal Bidirectional Transceivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com