Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES-22-CV1-7-FPCR-A5S Datasheet(PDF) 5 Page - DB Lectro Inc

No. de pieza ES-22-CV1-7-FPCR-A5S
Descripción Electrónicos  Sealed Sub-Miniature Push button Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DBLECTRO [DB Lectro Inc]
Página de inicio  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-22-CV1-7-FPCR-A5S Datasheet(HTML) 5 Page - DB Lectro Inc

  ES-22-CV1-7-FPCR-A5S Datasheet HTML 1Page - DB Lectro Inc ES-22-CV1-7-FPCR-A5S Datasheet HTML 2Page - DB Lectro Inc ES-22-CV1-7-FPCR-A5S Datasheet HTML 3Page - DB Lectro Inc ES-22-CV1-7-FPCR-A5S Datasheet HTML 4Page - DB Lectro Inc ES-22-CV1-7-FPCR-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1
2
3
Comm
SCHEMATIC
1
2
3
Comm
SCHEMATIC
Model
No.
Switching position
Term. Comm.
ES-20
off
Mom
open
2-1
SCHEMATIC
Model
No.
Switching position
Term. Comm.
ES-26A
on
Mom
ES-27A
on
Mom
2-1
2-3
Model
No.
Switching position
Term. Comm.
ES-26
off
Mom
ES-27
off
Mom
open
2-1
SCHEMATIC
Model
No.
Switching position
Term. Comm.
ES-20A
on
Mom
2-1
2-3
CONTACT MATERIAL OPTIONS
THE P.C.B MOUNTING
Cap and Actuator Option / Cap color Option / Plunger Option please see the page D15
CODE
CONTACT MATERIAL
TERMINAL MATERIAL
RATING
Q
R
G
K
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Gold plated over nickel plated
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Tin-lead over nickel plated
0.4VA MAX @ 20 V AC or DC MAX
1 A @ 120V AC or 28 V DC;
0.4 VA MAX @ 20 V AC or DC MAX or
1 A @ 120V AC or 28 V DC;
0.4VA MAX @ 20 V AC or DC MAX
THE K option is only for ES-26/ES-26A/ES-27/ES-27A
ES-20- R
ES-20A- R
SPST
SPDT
ES-20
ES-20A
ES-26
ES-26A
ES-27
ES-27A
ES-26A- K / ES-27A-K
ES-26K / ES-27K
SPST
SPDT
ES40-P
Sealed Sub-Miniature Push button Switches
17
D
.410
10.40
.148
3.78
8.13
.320
EPOXY SEAL
.030
0.76
.100
2.54
5.46
.215
.162
4.11
.020
0.51
.020
0.62
5.08
.200
5.08
.200
.320
8.13
.410
10.40
.148
3.78
8.13
.320
EPOXY SEAL
.030
0.76
.100
2.54
5.46
.215
.162
4.11
.020
0.51
.020
0.62
5.08
.200
.320
8.13
.100
2.54
.080
2.03
.140
3.56
.090
7.62
.150
3.81
.300
2.29
.080
2.03
.080
2.03
.300
2.29
.150
3.81
.040
1.02
.140
3.56
.090
7.62
.080
2.03
.271
6.90
.313
7.96
.031
0.80
.070
1.80
.313
7.96
.082
2.10
.031
0.80
.100
2.54
.070
1.80
.271
6.90
.200
5.08
.082
2.10
.082
2.10
.313
7.96
.313
7.96
.082
2.10
.031
0.80
.031
0.80
.100
2.54
.070
1.80
.271
6.90
.039 dia
1.00 dia
.150
3.81
.271
6.90
.070
1.80
.039 dia
1.00 dia
.150
3.81
.200
5.08
EPOXY SEAL
.083
2.10
.150
3.81
.320
8.13
.162
4.11
.200
5.08
.050
1.27
.039
1.00
with positioning pings: ES-26-K
without positioning pings:ES-27-K
.100
2.54
.215
5.46
.149
3.78
.200
5.08
EPOXY SEAL
.083
2.10
.150
3.81
.320
8.13
.162
4.11
.200
5.08
.100
2.54
.050
1.27
.039
1.00
with positioning pings: ES-26A-K
without positioning pings:ES-27A-K
.100
2.54
.215
5.46
.149
3.78
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Número de pieza similar - ES-22-CV1-7-FPCR-A5S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Baumer IVO GmbH & Co. K...
ES-22 IVO-ES-22 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
logo
Advantech Co., Ltd.
ES-2206 ADVANTECH-ES-2206 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2206C-VVA-SRE ADVANTECH-ES-2206C-VVA-SRE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206R-VVAE ADVANTECH-ES-2206R-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
More results

Descripción similar - ES-22-CV1-7-FPCR-A5S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
   Push Button Switches
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com