Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G32 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HC1G32
Descripción Electrónicos  2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G32 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC1G32 Datasheet HTML 1Page - NXP Semiconductors 74HC1G32 Datasheet HTML 2Page - NXP Semiconductors 74HC1G32 Datasheet HTML 3Page - NXP Semiconductors 74HC1G32 Datasheet HTML 4Page - NXP Semiconductors 74HC1G32 Datasheet HTML 5Page - NXP Semiconductors 74HC1G32 Datasheet HTML 6Page - NXP Semiconductors 74HC1G32 Datasheet HTML 7Page - NXP Semiconductors 74HC1G32 Datasheet HTML 8Page - NXP Semiconductors 74HC1G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2002 May 15
5
Philips Semiconductors
Product specification
2-input OR gate
74HC1G32; 74HCT1G32
DC CHARACTERISTICS
Family 74HC1G
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC
(V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input voltage
2.0
1.5
1.2
1.5
V
4.5
3.15
2.4
3.15
V
6.0
4.2
3.2
4.2
V
VIL
LOW-level input voltage
2.0
0.8
0.5
0.5
V
4.5
2.1
1.35
1.35
V
6.0
2.8
1.8
1.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −20 µA
2.0
1.9
2.0
1.9
V
VI =VIH or VIL;
IO = −20 µA
4.5
4.4
4.5
4.4
V
VI =VIH or VIL;
IO = −20 µA
6.0
5.9
6.0
5.9
V
VI =VIH or VIL;
IO = −2.0 mA
4.5
4.13
4.32
3.7
V
VI =VIH or VIL;
IO = −2.6 mA
6.0
5.63
5.81
5.2
V
VOL
LOW-level output voltage VI =VIH or VIL;
IO =20 µA
2.0
0
0.1
0.1
V
VI =VIH or VIL;
IO =20 µA
4.5
0
0.1
0.1
V
VI =VIH or VIL;
IO =20 µA
6.0
0
0.1
0.1
V
VI =VIH or VIL;
IO = 2.0 mA
4.5
0.15
0.33
0.4
V
VI =VIH or VIL;
IO = 2.6 mA
6.0
0.16
0.33
0.4
V
ILl
input leakage current
VI =VCC or GND
6.0
−−
1.0
1.0
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
6.0
−−
10
20
µA


Número de pieza similar - 74HC1G32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC1G32 NXP-74HC1G32 Datasheet
75Kb / 11P
   2-input OR gate
Rev. 05-14 March 2008
logo
Nexperia B.V. All right...
74HC1G32 NEXPERIA-74HC1G32 Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
74HC1G32-Q100 NEXPERIA-74HC1G32-Q100 Datasheet
682Kb / 12P
   2-input OR gate
logo
NXP Semiconductors
74HC1G32GV NXP-74HC1G32GV Datasheet
75Kb / 11P
   2-input OR gate
Rev. 05-14 March 2008
logo
Nexperia B.V. All right...
74HC1G32GV NEXPERIA-74HC1G32GV Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
More results

Descripción similar - 74HC1G32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com