Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1GU04GW Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HC1GU04GW
Descripción Electrónicos  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1GU04GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC1GU04GW Datasheet HTML 2Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 3Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 4Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 5Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 6Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 7Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 8Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 9Page - NXP Semiconductors 74HC1GU04GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Nov 18
6
Philips Semiconductors
Product specification
Inverter
74HC1GU04
AC CHARACTERISTICS
GND = 0 V; tr =tf = 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
−40 to +85
−40 to +125
MIN. TYP.(1)
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
inA to outY
see Figs 5 and 6
2.0
10
90
105
ns
4.5
718
21
ns
6.0
615
18
ns
AC WAVEFORMS
Fig.5
The input (inA) to output (outY) propagation
delays.
handbook, halfpage
MNA046
inA INPUT
outY OUTPUT
tPHL
tPLH
VM
(1)
VM
(1)
(1) HC1G VM = 50%; VI = GND to VCC.
Fig.6 Load circuitry for switching times.
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
(See “AC characteristics” for values).
RT = Termination resistance should be equal to the output
impedance ZO of the pulse generator.
handbook, halfpage
VCC
VI
VO
MNA034
D.U.T.
CL
50 pF
RT
PULSE
GENERATOR


Número de pieza similar - 74HC1GU04GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC1GU04GW NXP-74HC1GU04GW Datasheet
97Kb / 12P
   Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74HC1GU04GW NEXPERIA-74HC1GU04GW Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
74HC1GU04GW-Q100 NEXPERIA-74HC1GU04GW-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
74HC1GU04GW-Q100 NEXPERIA-74HC1GU04GW-Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
More results

Descripción similar - 74HC1GU04GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com