Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HCT158D Datasheet(PDF) 7 Page - NXP Semiconductors |
|
74HCT158D Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 7 page December 1990 7 Philips Semiconductors Product specification Quad 2-input multiplexer; inverting 74HC/HCT158 AC WAVEFORMS PACKAGE OUTLINES See “74HC/HCT/HCU/HCMOS Logic Package Outlines”. Fig.6 Waveforms showing the enable input (E) to output (nY) propagation delays and the output transition times. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V. Fig.7 Waveforms showing the data input (nI0, nI1) to output (nY) propagation delays and the output transition times. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V. |
Número de pieza similar - 74HCT158D |
|
Descripción similar - 74HCT158D |