Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC166 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC166
Descripción Electrónicos  8-bit parallel-in/serial-out shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC166 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC166 Datasheet HTML 2Page - NXP Semiconductors 74HC166 Datasheet HTML 3Page - NXP Semiconductors 74HC166 Datasheet HTML 4Page - NXP Semiconductors 74HC166 Datasheet HTML 5Page - NXP Semiconductors 74HC166 Datasheet HTML 6Page - NXP Semiconductors 74HC166 Datasheet HTML 7Page - NXP Semiconductors 74HC166 Datasheet HTML 8Page - NXP Semiconductors 74HC166 Datasheet HTML 9Page - NXP Semiconductors 74HC166 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
December 1990
10
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT166
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.9
Waveforms showing the set-up and hold times from the serial data input (Ds), the data inputs (Dn), the
clock enable input (LOW CE), the clock enable input CE and the parallel enable input to the clock (CP).
The number of clock pulses required between the tPLH and tPHL
measurements can be determined from the function table.
CE may change only from HIGH-to-LOW while CP is LOW.
The shaded areas indicate when the input is permitted to change for
predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3V.


Número de pieza similar - 74HC166

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC166 NEXPERIA-74HC166 Datasheet
278Kb / 17P
   8-bit parallel-in/serial out shift register
Rev. 5 - 9 August 2021
74HC166-Q100 NEXPERIA-74HC166-Q100 Datasheet
1Mb / 19P
   8-bit parallel-in/serial out shift register
74HC166-Q100 NEXPERIA-74HC166-Q100 Datasheet
277Kb / 17P
   8-bit parallel-in/serial out shift register
Rev. 2 - 9 August 2021
logo
Toshiba Semiconductor
74HC166D TOSHIBA-74HC166D Datasheet
302Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC166D NEXPERIA-74HC166D Datasheet
278Kb / 17P
   8-bit parallel-in/serial out shift register
Rev. 5 - 9 August 2021
More results

Descripción similar - 74HC166

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com