Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1321-004LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

No. de pieza SMP1321-004LF
Descripción Electrónicos  Low Capacitance Plastic Packaged PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1321-004LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMP1321-004LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
October 25, 2004 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200048 Rev. B
DATA SHEET • SMP1321 SERIES
2
Common
Common
Low
Single
Anode
Cathode
Series Pair
Inductance
Single
Single
Anti-Parallel
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SC-79
LGA
SMP1321-001
SMP1321-003
SMP1321-004
SMP1321-005
SMP1321-007
SMP1321-011
SMP1321-079
SMP1321-508
Lead (Pb)-Free
Marking: PM1
Marking: PM9
Marking: PM3
Marking: PM2
Marking: PMB
Marking: PM
Marking: H
SMP1321-003LF
SMP1321-004LF
SMP1321-005LF
SMP1321-011LF
SMP1321-079LF
Marking: RM9
Marking: RM3
Marking: RM2
Marking: RM
LS= 1.5 nH
LS= 1.5 nH
LS= 1.5 nH
LS= 1.5 nH
LS= 0.4 nH
LS= 1.5 nH
LS= 0.7 nH
LS = 0.6 nH
SC-70
SC-70
SC-70
SMP1321-073
SMP1321-074
SMP1321-075
Marking: PM9
Marking: PM2
Marking: PMB
LS= 1.4 nH
LS= 1.4 nH
LS= 1.4 nH
LF denotes lead (Pb)-free packaging option as an alternative to our standard
tin/lead (Sn/Pb) packaging.
Parameter
Condition
Typ.
Max.
Unit
Reverse current (IR)VR = 100 V
10
µA
Capacitance (CT)
(1)
F = 1 MHz, V = 30 V
0.25
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
3.00
Resistance (RS)
F = 100 MHz, I = 10 mA
2.00
Forward voltage (VF)IF = 10 mA
0.85
V
Carrier lifetime (TI)
IF = 10 mA
0.40
µs
I region width
15
µm
Electrical Specifications at 25 °C
1. The SMP1321-007 maximum capacitance is 0.40 pF.


Número de pieza similar - SMP1321-004LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1321-003 SKYWORKS-SMP1321-003 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-003LF SKYWORKS-SMP1321-003LF Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-005 SKYWORKS-SMP1321-005 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-005LF SKYWORKS-SMP1321-005LF Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-007 SKYWORKS-SMP1321-007 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results

Descripción similar - SMP1321-004LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com