Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1321-079LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

No. de pieza SMP1321-079LF
Descripción Electrónicos  Low Capacitance Plastic Packaged PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1321-079LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMP1321-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1321-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1321-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1321-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1321-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1321-079LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200048 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • October 25, 2004
1
SMP1321 Series: Low Capacitance
Plastic Packaged PIN Diodes
DATA SHEET
Features
Designed for high performance wireless switch applications
0.25 pF capacitance specified
Available lead (Pb)-free MSL-1 @ 250 °C per JEDEC J-STD-020
Available in tape and reel packaging
Description
The SMP1321 series of plastic packaged, surface mountable PIN
diodes are designed for high volume switch applications from
10 MHz to beyond 2 GHz. The low capacitance of these diodes
(0.25 pF) combined with its low resistance (2.0
Ω maximum at
10 mA) make the SMP1321 series particularly suited to high
isolation series connected PIN diode switches in battery operated
circuits. Available in a selection of plastic packages and in a
variety of configurations including a low inductance (0.4 nH)
SOT-23 (SMP1321-007), the small footprint SC-79 and the minia-
ture SC-70. The SMP1321-508 has been specifically designed for
WLAN 802.11 a, b, and g applications.
Characteristic
Value
Reverse voltage (VR)
100 V
Power dissipation @ 25 °C lead
250 mW
temperature (PD)
Storage temperature (TST)
-65 °C to +150 °C
Operating temperature (TOP)
-65 °C to +150 °C
ESD human body model
Class 1B
Absolute Maximum Ratings
Skyworks offers lead (Pb)-free “environmentally
friendly” packaging that is RoHS compliant
(European Parliament for the Restriction of
Hazardous Substances).
NEW
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, Electrostatic Discharge (ESD) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.


Número de pieza similar - SMP1321-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1321-079LF SKYWORKS-SMP1321-079LF Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results

Descripción similar - SMP1321-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com