Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT258 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74HCT258
Descripción Electrónicos  Quad 2-input multiplexer; 3-state; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT258 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT258 Datasheet HTML 1Page - NXP Semiconductors 74HCT258 Datasheet HTML 2Page - NXP Semiconductors 74HCT258 Datasheet HTML 3Page - NXP Semiconductors 74HCT258 Datasheet HTML 4Page - NXP Semiconductors 74HCT258 Datasheet HTML 5Page - NXP Semiconductors 74HCT258 Datasheet HTML 6Page - NXP Semiconductors 74HCT258 Datasheet HTML 7Page - NXP Semiconductors 74HCT258 Datasheet HTML 8Page - NXP Semiconductors 74HCT258 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 02
2
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state; inverting
74HC/HCT258
FEATURES
• Inverting data path
• 3-state outputs interface directly with system bus
• Output capability: bus driver
• ICC category: MSI.
GENERAL DESCRIPTION
The 74HC/HCT258 are high-speed Si-gate CMOS devices
and are pin compatible with Low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT258 have four identical 2-input multiplexers
with 3-state outputs, which select 4 bits of data from two
sources and are controlled by a common data select
input (S).
The data inputs from source 0 (1I0 to 4I0) are selected
when input S is LOW and the data inputs from source 1
(1I1 to 4I1) are selected when S is HIGH.
Data appears at the outputs (1Yto4Y) in inverted form
from the select inputs.
The ‘258’ is the logic implementation of a 4-pole, 2-position
switch, where the position of the switch is determined by
the logic levels applied to S. The outputs are forced to a
high impedance OFF-state when OE is HIGH.
The logic equations for the outputs are:
The ‘258’ is identical to the ‘257’ but has inverting outputs.
1Y
OE
1I
1
S
×
1I
0
S
×
+
()
×
=
2Y
OE
2I
1
S
×
2I
0
S
×
+
()
×
=
3Y
OE
3I
1
S
×
3I
0
S
×
+
()
×
=
4Y
OE
4I
1
S
×
4I
0
S
×
+
()
×
=
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. For HC the condition is VI = GND to VCC;
For HCT the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/tPLH
propagation delay
CL = 15 pF;
VCC =5V
nI0,nI1 to nY
9
13
ns
StonY
1416ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per multiplexer
notes 1 and 2
55
38
pF


Número de pieza similar - 74HCT258

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT251 PHILIPS-74HCT251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
74HCT251-Q100 NEXPERIA-74HCT251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HCT251D PHILIPS-74HCT251D Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT251D NEXPERIA-74HCT251D Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
More results

Descripción similar - 74HCT258

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
   Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com