Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT258N Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HCT258N
Descripción Electrónicos  Quad 2-input multiplexer; 3-state; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT258N Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT258N Datasheet HTML 1Page - NXP Semiconductors 74HCT258N Datasheet HTML 2Page - NXP Semiconductors 74HCT258N Datasheet HTML 3Page - NXP Semiconductors 74HCT258N Datasheet HTML 4Page - NXP Semiconductors 74HCT258N Datasheet HTML 5Page - NXP Semiconductors 74HCT258N Datasheet HTML 6Page - NXP Semiconductors 74HCT258N Datasheet HTML 7Page - NXP Semiconductors 74HCT258N Datasheet HTML 8Page - NXP Semiconductors 74HCT258N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Sep 02
5
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state; inverting
74HC/HCT258
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see chapter
“HCMOS family characteristics”, section “Family specifications”.
Output capability: bus driver.
ICC category: MSI.
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay;
nI0 to nY; nI1 to nY
30
95
120
145
ns
2.0
see Fig.6
11
19
24
29
4.5
916
20
25
6.0
propagation delay;
StonY
47
140
175
210
ns
2.0
see Fig.6
17
28
35
42
4.5
14
24
30
36
6.0
tPZH/tPZL
3-state output
enable time
OE to nY
39
140
175
210
ns
2.0
see Fig.7
14
28
35
42
4.5
11
24
30
36
6.0
tPHZ/tPLZ
3-state output
disable time
OE to nY
55
150
190
225
ns
2.0
see Fig.7
20
30
38
45
4.5
16
26
33
38
6.0
tTHL/tTLH
output transition
time
14
60
75
90
ns
2.0
see Fig.6
512
15
18
4.5
410
13
15
6.0


Número de pieza similar - 74HCT258N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT251 PHILIPS-74HCT251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
74HCT251-Q100 NEXPERIA-74HCT251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HCT251D PHILIPS-74HCT251D Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT251D NEXPERIA-74HCT251D Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
More results

Descripción similar - 74HCT258N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
   Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com