Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT245DB Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74HCT245DB
Descripción Electrónicos  Octal bus transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT245DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT245DB Datasheet HTML 4Page - NXP Semiconductors 74HCT245DB Datasheet HTML 5Page - NXP Semiconductors 74HCT245DB Datasheet HTML 6Page - NXP Semiconductors 74HCT245DB Datasheet HTML 7Page - NXP Semiconductors 74HCT245DB Datasheet HTML 8Page - NXP Semiconductors 74HCT245DB Datasheet HTML 9Page - NXP Semiconductors 74HCT245DB Datasheet HTML 10Page - NXP Semiconductors 74HCT245DB Datasheet HTML 11Page - NXP Semiconductors 74HCT245DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
9397 750 14502
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
8 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
-
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −6.0 mA; VCC = 4.5 V
3.7
-
-
V
IO = −7.8 mA; VCC = 6.0 V
5.2
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
-
IO =20 µA; VCC = 2.0 V
-
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 6.0 mA; VCC = 4.5 V
-
-
0.4
V
IO = 7.8 mA; VCC = 6.0 V
-
-
0.4
V
ILI
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
µA
IOZ
OFF-state output current
VI =VIH or VIL; VO =VCC or GND;
VCC = 6.0 V
--
±10.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
160
µA
Table 7:
Static characteristics type 74HC245 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8:
Static characteristics type 74HCT245
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
4.5
-
V
IO = −6 mA
3.98
4.32
-
V
VOL
LOW-level output voltage
VI =VIH or VIL; VCC = 4.5 V
IO =20 µA
-
0
0.1
V
IO = 6.0 mA
-
0.15
0.26
V
ILI
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
±0.1
µA
IOZ
OFF-state output current
VI =VIH or VIL; VCC = 5.5 V;
VO =VCC or GND per input pin;
other inputs at VCC or GND; IO =0A
--
±0.5
µA
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
8.0
µA


Número de pieza similar - 74HCT245DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
74HCT245D TOSHIBA-74HCT245D Datasheet
190Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-05 Rev.3.0
logo
Nexperia B.V. All right...
74HCT245D NEXPERIA-74HCT245D Datasheet
264Kb / 15P
   Octal bus transceiver; 3-state
Rev. 6 - 6 September 2021
74HCT245D-Q100 NEXPERIA-74HCT245D-Q100 Datasheet
735Kb / 20P
   Octal bus tranceiver; 3-state
74HCT245D-Q100 NEXPERIA-74HCT245D-Q100 Datasheet
259Kb / 15P
   Octal bus transceiver; 3-state
Rev. 2 - 14 July 2020
logo
ON Semiconductor
74HCT245DTR2G ONSEMI-74HCT245DTR2G Datasheet
105Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
May, 2007 - Rev. 0
More results

Descripción similar - 74HCT245DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com