Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUC07RGYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUC07RGYR
Descripción Electrónicos  HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC07RGYR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC07RGYR Datasheet HTML 1Page - Texas Instruments SN74AUC07RGYR Datasheet HTML 2Page - Texas Instruments SN74AUC07RGYR Datasheet HTML 3Page - Texas Instruments SN74AUC07RGYR Datasheet HTML 4Page - Texas Instruments SN74AUC07RGYR Datasheet HTML 5Page - Texas Instruments SN74AUC07RGYR Datasheet HTML 6Page - Texas Instruments SN74AUC07RGYR Datasheet HTML 7Page - Texas Instruments SN74AUC07RGYR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
DESCRIPTION/ORDERING INFORMATION
A
Y
SN74AUC07
HEX BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES472 – AUGUST 2003 – REVISED NOVEMBER 2005
Optimized for 1.8-V Operation and Is 3.6-V
I/O Tolerant to Support Mixed-Mode Signal
Operation
Ioff Supports Partial-Power-Down Mode
Operation
Sub-1-V Operable
Max tpd of 2.2 ns at 1.8 V
Low Power Consumption, 10-
µA Max I
CC
±8-mA Output Drive at 1.8 V
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This hex buffer/driver is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC
operation.
The outputs of the SN74AUC07 are open drain and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
QFN – RGY
Tape and reel
SN74AUC07RGYR
MS07
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH BUFFER/DRIVER)
INPUT
OUTPUT
A
Y
H
H
L
L
LOGIC DIAGRAM, EACH BUFFER/DRIVER
(POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - SN74AUC07RGYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00 Datasheet
243Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00 TI-SN74AUC00 Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00 TI-SN74AUC00 Datasheet
577Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00RGYR TI-SN74AUC00RGYR Datasheet
243Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00RGYR TI-SN74AUC00RGYR Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Descripción similar - SN74AUC07RGYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI1-SN74LVC07A-Q1_15 Datasheet
744Kb / 15P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A_10 Datasheet
733Kb / 21P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI1-SN74LVC07A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Hex Buffer/Driver With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com