Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC366PW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74HC366PW
Descripción Electrónicos  Hex buffer/line driver; 3-state; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC366PW Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC366PW Datasheet HTML 1Page - NXP Semiconductors 74HC366PW Datasheet HTML 2Page - NXP Semiconductors 74HC366PW Datasheet HTML 3Page - NXP Semiconductors 74HC366PW Datasheet HTML 4Page - NXP Semiconductors 74HC366PW Datasheet HTML 5Page - NXP Semiconductors 74HC366PW Datasheet HTML 6Page - NXP Semiconductors 74HC366PW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state; inverting
74HC/HCT366
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the input (nA) to output (nY) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveforms showing the 3-state enable and disable times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Número de pieza similar - 74HC366PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC366PW NXP-74HC366PW Datasheet
128Kb / 19P
   Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
logo
Nexperia B.V. All right...
74HC366PW NEXPERIA-74HC366PW Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
74HC366PW-Q100 NEXPERIA-74HC366PW-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
More results

Descripción similar - 74HC366PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74LV368 PHILIPS-74LV368 Datasheet
124Kb / 12P
   Hex buffer/line driver; inverting 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
   Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC366 NXP-74HC366 Datasheet
128Kb / 19P
   Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com