Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC126ABQ Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74LVC126ABQ
Descripción Electrónicos  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126ABQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC126ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2003 Feb 28
6
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input
voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input
voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
V
IO = −12 mA
2.7
VCC − 0.5
−−
V
IO = −18 mA
3.0
VCC − 0.6
−−
V
IO = −24 mA
3.0
VCC − 0.8
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
GND
0.2
V
IO = 12 mA
2.7
−−
0.4
V
IO = 24 mA
3.0
−−
0.55
V
ILI
input leakage
current
VI = 5.5 V or GND
3.6
−±0.1
±5
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO = 5.5 V or GND;
note 2
3.6
−±0.1
±5
µA
Ioff
power off leakage
supply
VI or VO = 5.5 V
0
−±0.1
±10
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
3.6
0.1
10
µA
∆I
CC
additional quiescent
supply current per
input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
5
500
µA


Número de pieza similar - 74LVC126ABQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC126ABQ NEXPERIA-74LVC126ABQ Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126ABQ-Q100 NEXPERIA-74LVC126ABQ-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
More results

Descripción similar - 74LVC126ABQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com