Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10DL065CIVS Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC10DL065CIVS
Descripción Electrónicos  Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10DL065CIVS Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC10DL065CIVS Datasheet HTML 4Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 5Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 6Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 7Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 8Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 9Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 10Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 11Page - National Semiconductor (TI) ADC10DL065CIVS Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AC Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, CL = 15 pF/pin, Duty Cycle Stabilizer On, parallel out-
put mode. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
t
EN
Data Outputs Active after Hi-Z
Mode
10
ns
t
PD
Power Down Mode Exit Cycle
1.0 µF on pins 4, 14; 0.1 µF on pins
5,6,12,13; 10 µF between pins 5, 6
and between pins 12, 13
1µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the
listed test conditions. Operation of the device beyond the maximum Operating Range is not recommended.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be limited to 25 mA. The
50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature, (TA), and can be calculated using the formula PDMAX=(TJmax - TA )/θJA. In the 64-pin
TQFP,
θJA is 50˚C/W, so PDMAX=2Watts at 25˚C and 800 mW at the maximum operating ambient temperature of 85˚C. Note that the power consumption of this
device under normal operation will typically be about 400 mW (360 typical power consumption + 30 mW TTL output loading). The values for maximum power
dissipation listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven beyond the power
supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: Reflow Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 7: The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided current is limited per
(Note 3). However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale
input voltage must be
≤+3.4V to ensure accurate conversions.
20148607
Note 8: To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
Note 9: With the test condition for VREF = +1.0V (2VP-P differential input), the 10-bit LSB is 1.95 mV.
Note 10: Typical figures are at TA = 25˚C, and represent most likely parametric norms at the time of characterization. The typical specifications are not guaranteed.
Note 11: Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive and negative
full-scale.
Note 12: Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
Note 13: Optimum performance will be obtained by keeping the reference input in the 0.8V to 1.2V range. The LM4051CIM3-ADJ (SOT-23 package) is
recommended for external reference applications.
Note 14: IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins, the supply voltage,
VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 xf0 +C1 xf1 +....C9 xf9) where VDR is the output driver power supply
voltage, Cn is total capacitance on the output pin, and fn is the average frequency at which that pin is toggling.
Note 15: Excludes IDR. See note 14.
www.national.com
8


Número de pieza similar - ADC10DL065CIVS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10DL065CIVS TI1-ADC10DL065CIVS Datasheet
818Kb / 34P
[Old version datasheet]   ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065CIVS TI1-ADC10DL065CIVS Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065CIVS/NOPB TI1-ADC10DL065CIVS/NOPB Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results

Descripción similar - ADC10DL065CIVS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065 TI1-ADC10DL065_14 Datasheet
818Kb / 34P
[Old version datasheet]   ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
[Old version datasheet]   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com