Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT4017PW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74HCT4017PW
Descripción Electrónicos  Johnson decade counter with 10 decoded outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4017PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT4017PW Datasheet HTML 3Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 4Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 5Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 6Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 7Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 8Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 9Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 10Page - NXP Semiconductors 74HCT4017PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
December 1990
7
Philips Semiconductors
Product specification
Johnson decade counter with 10 decoded outputs
74HC/HCT4017
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to+85
−40 to+125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP0 to Qn
63
23
18
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
CP0 to Q5-9
63
23
18
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
CP1 to Qn
61
22
18
250
50
43
315
63
54
375
75
64
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
CP1 to Q5-9
61
22
18
250
50
43
315
63
54
375
75
64
ns
2.0
4.5
6.0
Fig.9
tPHL
propagation delay
MR to Q1−9
52
19
15
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
Fig.8
tPLH
propagation delay
MR to Q5−9, Q0
55
20
16
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.9
tW
clock pulse width
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tW
master reset pulse
width; HIGH
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
trem
removal time
MR to CP0, CP1
5
5
5
−17
−6
−5
5
5
5
5
5
5
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
CP1 to CP0;
CP0 to CP1
50
10
9
−8
−3
−2
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.7
th
hold time
CP0 to CP1;
CP1 to CP0
50
10
9
17
6
5
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock
pulse frequency
6.0
30
25
23
70
83
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.8


Número de pieza similar - 74HCT4017PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT4017 NXP-74HCT4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HCT4017-Q100 NEXPERIA-74HCT4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HCT4017BQ NXP-74HCT4017BQ Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HCT4017BQ NEXPERIA-74HCT4017BQ Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
More results

Descripción similar - 74HCT4017PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com