Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4046AN Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC4046AN
Descripción Electrónicos  Phase-locked-loop with VCO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046AN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4046AN Datasheet HTML 6Page - NXP Semiconductors 74HC4046AN Datasheet HTML 7Page - NXP Semiconductors 74HC4046AN Datasheet HTML 8Page - NXP Semiconductors 74HC4046AN Datasheet HTML 9Page - NXP Semiconductors 74HC4046AN Datasheet HTML 10Page - NXP Semiconductors 74HC4046AN Datasheet HTML 11Page - NXP Semiconductors 74HC4046AN Datasheet HTML 12Page - NXP Semiconductors 74HC4046AN Datasheet HTML 13Page - NXP Semiconductors 74HC4046AN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1997 Nov 25
10
Philips Semiconductors
Product specification
Phase-locked-loop with VCO
74HC/HCT4046A
DC CHARACTERISTICS FOR 74HC
Quiescent supply current
Voltages are referenced to GND (ground = 0 V)
Phase comparator section
Voltages are referenced to GND (ground = 0 V)
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
OTHER
+25
−40 to +85
−40 to +125
min. typ. max.
min. max.
min.
max.
ICC
quiescent supply
current (VCO
disabled)
8.0
80.0
160.0
µA
6.0
pins 3, 5, and 14 at VCC;
pin 9 at GND; II at pins
3 and 14 to be excluded
SYM-
BOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max. min.
max.
min.
max.
VIH
DC coupled
HIGH level input voltage
SIGIN, COMPIN
1.5
1.2
1.5
1.5
V
2.0
3.15
2.4
3.15
3.15
4.5
4.2
3.2
4.2
4.2
6.0
VIL
DC coupled
LOW level input voltage
SIGIN, COMPIN
0.8
0.5
0.5
0.5
V
2.0
2.1
1.35
1.35
1.35
4.5
2.8
1.8
1.8
1.8
6.0
VOH
HIGH level output voltage
PCPOUT,PCnOUT
1.9
2.0
1.9
1.9
V
2.0
VIH
or
VIL
−I
O =20 µA
4.4
4.5
4.4
4.4
4.5
−I
O =20 µA
5.9
6.0
5.9
5.9
6.0
−I
O =20 µA
VOH
HIGH level output voltage
PCPOUT,PCnOUT
3.98
4.32
3.84
3.7
V
4.5
VIH
or
VIL
−I
O = 4.0 mA
5.48
5.81
5.34
5.2
6.0
−I
O = 5.2 mA
VOL
LOW level output voltage
PCPOUT,PCnOUT
0
0.1
0.1
0.1
V
2.0
VIH
or
VIL
IO =20 µA
0
0.1
0.1
0.1
4.5
IO =20 µA
0
0.1
0.1
0.1
6.0
IO =20 µA
VOL
LOW level output voltage
PCPOUT,PCnOUT
0.15 0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 4.0 mA
0.16 0.26
0.33
0.4
6.0
IO = 5.2 mA
±II
input leakage current
SIGIN, COMPIN
3.0
4.0
5.0
µA
2.0
VCC
or
GND
7.0
9.0
11.0
3.0
18.0
23.0
27.0
4.5
30.0
38.0
45.0
6.0
±IOZ
3-state
OFF-state current
PC2OUT
0.5
5.0
10.0
µA
6.0
VIH
or
VIL
VO =VCC or
GND


Número de pieza similar - 74HC4046AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC4046A NEXPERIA-74HC4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
74HC4046AD NEXPERIA-74HC4046AD Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046ADB NEXPERIA-74HC4046ADB Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046APW NEXPERIA-74HC4046APW Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results

Descripción similar - 74HC4046AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com