Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4353 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC4353
Descripción Electrónicos  Triple 2-channel analog multiplexer/demultiplexer with latch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4353 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4353 Datasheet HTML 6Page - NXP Semiconductors 74HC4353 Datasheet HTML 7Page - NXP Semiconductors 74HC4353 Datasheet HTML 8Page - NXP Semiconductors 74HC4353 Datasheet HTML 9Page - NXP Semiconductors 74HC4353 Datasheet HTML 10Page - NXP Semiconductors 74HC4353 Datasheet HTML 11Page - NXP Semiconductors 74HC4353 Datasheet HTML 12Page - NXP Semiconductors 74HC4353 Datasheet HTML 13Page - NXP Semiconductors 74HC4353 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
December 1990
10
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer with latch
74HC/HCT4353
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max. min. max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos
5
4
12
8
15
10
18
12
ns
4.5
4.5
0
−4.5
RL = ∞;
CL = 50 pF
(see Fig.18)
tPZH/ tPZL
turn “ON” time
E1 to Vos
26
22
55
45
69
56
83
68
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tPZH/ tPZL
turn “ON” time
E2 to Vos
22
18
50
40
63
50
75
60
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tPZH/ tPZL
turn “ON” time
LE to Vos
21
17
45
40
56
50
68
60
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tPZH/ tPZL
turn “ON” time
Sn to Vos
25
19
50
45
63
56
75
68
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tPHZ/ tPLZ
turn “OFF” time
E1 to Vos
23
19
50
40
63
50
75
60
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tPHZ/ tPLZ
turn “OFF” time
E2 to Vos
27
23
50
40
63
50
75
60
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tPHZ/ tPLZ
turn “OFF” time
LE to Vos
19
19
40
40
50
50
60
60
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tPHZ/ tPLZ
turn “OFF” time
Sn to Vos
22
22
45
45
56
56
68
68
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.19)
tsu
set-up time
Sn to LE
12
15
7
9
15
19
18
22
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.20)
th
hold time
Sn to LE
5
5
0
−2
5
5
5
5
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.20)
tW
LE minimum pulse
width HIGH
16
16
3
5
20
20
24
24
ns
4.5
4.5
0
−4.5
RL =1kΩ;
CL = 50 pF
(see Fig.20)


Número de pieza similar - 74HC4353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC4351 NXP-74HC4351 Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HC4351 NEXPERIA-74HC4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
NXP Semiconductors
74HC4351D PHILIPS-74HC4351D Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HC4351D NEXPERIA-74HC4351D Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results

Descripción similar - 74HC4353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com