Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT4516 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74HCT4516
Descripción Electrónicos  Binary up/down counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4516 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT4516 Datasheet HTML 5Page - NXP Semiconductors 74HCT4516 Datasheet HTML 6Page - NXP Semiconductors 74HCT4516 Datasheet HTML 7Page - NXP Semiconductors 74HCT4516 Datasheet HTML 8Page - NXP Semiconductors 74HCT4516 Datasheet HTML 9Page - NXP Semiconductors 74HCT4516 Datasheet HTML 10Page - NXP Semiconductors 74HCT4516 Datasheet HTML 11Page - NXP Semiconductors 74HCT4516 Datasheet HTML 12Page - NXP Semiconductors 74HCT4516 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
December 1990
9
Philips Semiconductors
Product specification
Binary up/down counter
74HC/HCT4516
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to+125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
28
50
63
75
ns
4.5
Fig.7
tPHL
propagation delay
MR to Qn
24
42
53
63
ns
4.5
Fig.10
tPLH/ tPHL
propagation delay
PL to Qn
32
53
66
80
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
CP to TC
29
58
73
87
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
CE to TC
18
31
39
47
ns
4.5
Fig.8
tPLH
propagation delay
MR to TC
31
50
63
75
ns
4.5
Fig.10
tPLH/ tPHL
propagation delay
PL to TC
34
68
85
102
ns
4.5
Fig.9
tTLH/ tTHL
output transition time
7
15
19
22
ns
4.5
Fig.9
tW
clock pulse width CP,
CE HIGH or LOW
16
9
20
24
ns
4.5
Fig.7
tW
parallel load pulse
width HIGH
16
8
20
24
ns
4.5
Fig.10
tW
master rest pulse
width HIGH
20
5
25
30
ns
4.5
Fig.10
trem
removal time
MR to CP
23
14
29
35
ns
4.5
Fig.10
trem
removal time
PL to CP
17
10
21
26
ns
4.5
Fig.10
tsu
set-up time
UP/DN to CP
20
11
25
30
ns
4.5
Fig.8
tsu
set-up time
CE to CP
20
9
25
30
ns
4.5
Fig.8
tsu
set-up time
Dn to PL
20
9
25
30
ns
4.5
Fig.11
th
hold time
CE to CP
10
9
13
15
ns
4.5
Fig.8


Número de pieza similar - 74HCT4516

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT4510 PHILIPS-74HCT4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HCT4510D PHILIPS-74HCT4510D Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HCT4510DB PHILIPS-74HCT4510DB Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HCT4510N PHILIPS-74HCT4510N Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HCT4510PW PHILIPS-74HCT4510PW Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
More results

Descripción similar - 74HCT4516

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com