Nombre de pieza
         Descripción
BC547

 45 V, 100 mA NPN general-purpose transistors ( 13 Page)


PHILIPS
100% 
Zoom Out Zoom In
 6 page
background image
9397 750 14609
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 19 May 2005
6 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 1.
Selection A: DC current gain as a function of
collector current; typical values
Fig 2.
Selection A: Base-emitter voltage as a function
of collector current; typical values
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 3.
Selection A: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 4.
Selection A: Base-emitter saturation voltage as
a function of collector current; typical values
mgt723
10−1
110
102
103
IC (mA)
0
400
300
200
100
hFE
(1)
(2)
(3)
mgt724
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
VBE
(mV)
(1)
(2)
(3)
103
102
10
mgt725
10−1
110
102
103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
mgt726
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
VBEsat
(mV)
(1)
(2)
(3)
1  2  3  4  5  6  7  8  9  10  11  12  13 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PIMZ2NPN/PNP general-purpose double transistors 1 2 3 4 5 MoreNXP Semiconductors
CPH6519NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier Driver Applications 1 2 3 4 Sanyo Semicon Device
MJD122SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT 1 2 3 4 5 MoreMotorola, Inc
2N3439HIGH VOLTAGE NPN TRANSISTORS 1 2 Seme LAB
BC546NPN Silicon Transistors 1 2 3 4 5 MoreSiemens Semiconductor Group
MCA104MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1 2 3 Seme LAB
BD875NPN SILICON PLANAR DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSiemens Semiconductor Group
L9013LT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
BSP50BSP52NPN Silicon Darlington Transistors High collector current Low collector-emitter saturation voltage 1 2 3 4 5 Siemens Semiconductor Group
SMBTA05NPN Silicon AF Transistors 1 2 3 4 Siemens Semiconductor Group

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl