Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB170C Datasheet(PDF) 1 Page - Lite-On Technology Corporation

No. de pieza SMB170C
Descripción Electrónicos  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITEON [Lite-On Technology Corporation]
Página de inicio  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMB170C Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  SMB170C Datasheet HTML 1Page - Lite-On Technology Corporation SMB170C Datasheet HTML 2Page - Lite-On Technology Corporation SMB170C Datasheet HTML 3Page - Lite-On Technology Corporation SMB170C Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
SEMICONDUCTOR
LITE ON
SMB SERIES
FEATURES
Rating to 200V VBR
For surface mounted applications
Reliable low cost construction utilizing molded plastic
technique
Plastic material has UL flammability classification
94V-O
Typical IR less than 1uA above 10V
Fast response time: typically less than 1.0ps for
Uni-direction,less than 5.0ns for Bi-direction,form 0
Volts to BV min
MECHANICAL DATA
Case : Molded plastic
Polarity : by cathode band denotes uni-directional
device none cathode band denotes bi-directional device
Weight : 0.003 ounces, 0.093 gram
TJ
Operating Temperature Range
-55 to +150
TSTG
Storage Temperature Range
-55 to +175
C
IFSM
Peak Forward Surge Current 8.3ms
single half sine-wave super imposed
on rated load (Note 3)
100
AMPS.
UNIT
PM(AV)
5.0
WATTS
Steady State Power Dissipation at TL =75 C
PPK
WATTS
PEAK POWER DISSIPATION AT TA = 25 C,
TP = 1ms (Note 1,2)
SYMBOLS
VALUE
Minimum 600
C
CHARACTERISTICS
(JEDEC METHOD)
SURFACE MOUNT
UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
STAND-OFF VOLTAGE - 6.8 to 200 Volts
POWER DISSIPATION - 600 WATTS
NOTES : 1. Non-repetitive current pulse, per fig. 3 and derated above TA= 25 C per fig.1.
2. Thermal Resistance junction to Lead
3. 8.3ms single half-sine wave duty cycle= 4 pulses maximum per minute (unidirectional units only).
4. VF= 3.5V on SMB6.8 thru SMB90A devices and VF= 5.0V on SMB100 thru SMB200A devices.
Maximum Instantaneous forward voltage
at 50A for unidirectional devices only (Note 3)
VF
SEE NOTE 4
Volts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
REV. 1, 24-May-2000
SMB
All Dimensions in millimeter
SMB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
4.06
4.57
3.94
3.30
1.96
2.21
0.31
0.15
5.21
5.59
0.05
0.20
2.01
2.62
0.76
1.52
C
B
A
H
E
F
G
D


Número de pieza similar - SMB170C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MIC GROUP RECTIFIERS
SMB170 MIC-SMB170 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMB170A MIC-SMB170A Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMB170C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com