Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC595D Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC595D
Descripción Electrónicos  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC595D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC595D Datasheet HTML 6Page - NXP Semiconductors 74HC595D Datasheet HTML 7Page - NXP Semiconductors 74HC595D Datasheet HTML 8Page - NXP Semiconductors 74HC595D Datasheet HTML 9Page - NXP Semiconductors 74HC595D Datasheet HTML 10Page - NXP Semiconductors 74HC595D Datasheet HTML 11Page - NXP Semiconductors 74HC595D Datasheet HTML 12Page - NXP Semiconductors 74HC595D Datasheet HTML 13Page - NXP Semiconductors 74HC595D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2003 Jun 25
10
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
Note
1. All typical values are measured at Tamb =25 °C.
Tamb = −40 to +125 °C
VIH
HIGH-level input
voltage
2.0
1.5
−−
V
4.5
3.15
−−
V
6.0
4.2
−−
V
VIL
LOW-level input
voltage
2.0
−−
0.5
V
4.5
−−
1.35
V
6.0
−−
1.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
all outputs
IO = −20 µA
2.0
1.9
−−
V
4.5
4.4
−−
V
6.0
5.9
−−
V
Q7’ standard output
IO = −4.0 mA
4.5
3.7
−−
V
IO = −5.2 mA
6.0
5.2
−−
V
Qn bus driver outputs
IO = −6.0 mA
4.5
3.7
−−
V
IO = −7.8 mA
6.0
5.2
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
all outputs
IO =20 µA
4.5
−−
0.1
V
Q7’ standard output
IO = 4.0 mA
4.5
−−
0.4
V
Qn bus driver outputs
IO = 6.0 mA
4.5
−−
0.4
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−±10.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
160
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


Número de pieza similar - 74HC595D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
   8-Bit Shift Registers with Output Latches
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
More results

Descripción similar - 74HC595D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com