Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT640PW Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HCT640PW
Descripción Electrónicos  Octal bus transceiver; 3-state; inverting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT640PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT640PW Datasheet HTML 1Page - NXP Semiconductors 74HCT640PW Datasheet HTML 2Page - NXP Semiconductors 74HCT640PW Datasheet HTML 3Page - NXP Semiconductors 74HCT640PW Datasheet HTML 4Page - NXP Semiconductors 74HCT640PW Datasheet HTML 5Page - NXP Semiconductors 74HCT640PW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
March 1988
5
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state; inverting
74HC/HCT640
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
INPUT
UNIT LOAD COEFFICIENT
An
Bn
OE
DIR
1.50
1.50
1.50
0.90
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
An to Bn;
Bn to An
11
22
28
33
ns
4.5
Fig.5
tPZH/ tPZL
3-state output enable time
OE, DIR to An;
OE, DIR to Bn
18
30
38
45
ns
4.5
Fig.6
tPHZ/ tPLZ
3-state output disable time
OE, DIR to An;
OE, DIR to Bn
19
30
38
45
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.5


Número de pieza similar - 74HCT640PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT643 PHILIPS-74HCT643 Datasheet
52Kb / 6P
   Octal bus transceiver; 3-state; true/inverting
December 1990
74HCT646 PHILIPS-74HCT646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HCT646D PHILIPS-74HCT646D Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HCT646DB PHILIPS-74HCT646DB Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HCT646N PHILIPS-74HCT646N Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results

Descripción similar - 74HCT640PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com