Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT646PW Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HCT646PW
Descripción Electrónicos  Octal bus transceiver/register; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT646PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT646PW Datasheet HTML 4Page - NXP Semiconductors 74HCT646PW Datasheet HTML 5Page - NXP Semiconductors 74HCT646PW Datasheet HTML 6Page - NXP Semiconductors 74HCT646PW Datasheet HTML 7Page - NXP Semiconductors 74HCT646PW Datasheet HTML 8Page - NXP Semiconductors 74HCT646PW Datasheet HTML 9Page - NXP Semiconductors 74HCT646PW Datasheet HTML 10Page - NXP Semiconductors 74HCT646PW Datasheet HTML 11Page - NXP Semiconductors 74HCT646PW Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
September 1993
10
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT646
Fig.9 Waveforms showing the input OE to output An,Bn 3-state enable and disable times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the input DIR to output An, Bn 3-state enable and disable times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Número de pieza similar - 74HCT646PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT640 PHILIPS-74HCT640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640D PHILIPS-74HCT640D Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640DB PHILIPS-74HCT640DB Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640N PHILIPS-74HCT640N Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640PW PHILIPS-74HCT640PW Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
More results

Descripción similar - 74HCT646PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com