Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

540R2GBC-CA Datasheet(PDF) 6 Page - HB Electronic Components

No. de pieza 540R2GBC-CA
Descripción Electrónicos  5.0 mm DIA LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HB [HB Electronic Components]
Página de inicio  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540R2GBC-CA Datasheet(HTML) 6 Page - HB Electronic Components

  540R2GBC-CA Datasheet HTML 1Page - HB Electronic Components 540R2GBC-CA Datasheet HTML 2Page - HB Electronic Components 540R2GBC-CA Datasheet HTML 3Page - HB Electronic Components 540R2GBC-CA Datasheet HTML 4Page - HB Electronic Components 540R2GBC-CA Datasheet HTML 5Page - HB Electronic Components 540R2GBC-CA Datasheet HTML 6Page - HB Electronic Components 540R2GBC-CA Datasheet HTML 7Page - HB Electronic Components 540R2GBC-CA Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.0 mm DIA LED LAMP
540R2GBC-CA
REV:A / 0
2) Use LEDs with stand-off (Fig.5) or the tube or spacer made of resin (Fig.6) to position the LEDs.
FORMED LEAD
1) The lead should be bent at a point located at least 2mm away from the package. Bending
should be performed with base fixed means of a jig or pliers (Fig.7)
2) Forming lead should be carried our prior to soldering and never during or after soldering.
3) Form the lead to ensure alignment between the leads and the hole on board, so that stress
against the LED is prevented. (Fig.8)
DRAWING NO. : DS-35-04-0636
DATE : 200
5-10-19
Page :
6
Stand-off
Fig.5
Fig.6
Tube
F i g . 7


Número de pieza similar - 540R2GBC-CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
More results

Descripción similar - 540R2GBC-CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
   5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
520CG6C-F2 HB-520CG6C-F2 Datasheet
334Kb / 9P
   5.0 mm DIA LED LAMP
560JY8C HB-560JY8C Datasheet
412Kb / 8P
   5.0 mm DIA LED LAMP
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
   5.0 mm DIA LED LAMP
520LB7C-F2 HB-520LB7C-F2 Datasheet
328Kb / 11P
   5.0 mm DIA LED LAMP
520HR3C-F2 HB-520HR3C-F2 Datasheet
328Kb / 8P
   5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com