Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4053D Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74HC4053D
Descripción Electrónicos  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4053D Datasheet HTML 1Page - NXP Semiconductors 74HC4053D Datasheet HTML 2Page - NXP Semiconductors 74HC4053D Datasheet HTML 3Page - NXP Semiconductors 74HC4053D Datasheet HTML 4Page - NXP Semiconductors 74HC4053D Datasheet HTML 5Page - NXP Semiconductors 74HC4053D Datasheet HTML 6Page - NXP Semiconductors 74HC4053D Datasheet HTML 7Page - NXP Semiconductors 74HC4053D Datasheet HTML 8Page - NXP Semiconductors 74HC4053D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
2 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
3.
Applications
s Analog multiplexing and demultiplexing
s Digital multiplexing and demultiplexing
s Signal gating
4.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑{(CL + CS) × VCC2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑{(C
L + CS) × VCC
2
× f
o} = sum of outputs;
Table 1:
Quick reference data
VEE = GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74HC4053
tPZH,
tPZL
turn-ON time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-17
-
ns
Sn to Vos
-21
-
ns
tPHZ,
tPLZ
turn-OFF time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-18
-
ns
Sn to Vos
-17
-
ns
Ci
input capacitance
-
3.5
-
pF
CS
switch capacitance
independent I/O (nYn)
-
5
-
pF
common I/O (nZ)
-
8
-
pF
CPD
power dissipation
capacitance
per switch; VI = GND to
VCC
[1] -36
-
pF
74HCT4053
tPZH,
tPZL
turn-ON time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-23
-
ns
Sn to Vos
-21
-
ns
tPHZ,
tPLZ
turn-OFF time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-20
-
ns
Sn to Vos
-19
-
ns
Ci
input capacitance
-
3.5
-
pF
CS
switch capacitance
independent I/O (nYn)
-
5
-
pF
common I/O(nZ)
-
8
-
pF
CPD
power dissipation
capacitance
per switch; VI = GND to
(VCC − 1.5 V)
[1] -36
-
pF


Número de pieza similar - 74HC4053D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4053D NXP-74HC4053D Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HC4053D NXP-74HC4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC4053D NXP-74HC4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Toshiba Semiconductor
74HC4053D TOSHIBA-74HC4053D Datasheet
257Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4053D NEXPERIA-74HC4053D Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
More results

Descripción similar - 74HC4053D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com