Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM26C31CD Datasheet(PDF) 8 Page - Texas Instruments |
|
|
AM26C31CD Datasheet(HTML) 8 Page - Texas Instruments |
8 / 21 page AM26C31 QUADRUPLE DIFFERENTIAL LINE DRIVER SLLS103K − DECEMBER 1990 − REVISED SEPTEMBER 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Input A (see Note B) Differential Output 3 V 0 V tr(OD) tf(OD) VOLTAGE WAVEFORMS NOTES: A. C1, C2, and C3 include probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, duty cycle ≤ 50%, and tr, tf ≤ 6 ns. C3 = 40 pF C2 = 40 pF C1 = 40 pF Input See Note A TEST CIRCUIT RL/2 RL/2 1.5 V 500 Ω S1 90% 90% 10% 10% Figure 3. Differential-Output Rise- and Fall-Time Waveforms and Test Circuit |
Número de pieza similar - AM26C31CD |
|
Descripción similar - AM26C31CD |