Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-DB45-H0000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-DB45-H0000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 6 page 3 Optical Characteristics at TA = 25˚C Luminous Color, Viewing Intensity Dominant Peak Angle IV (mcd) Wavelength Wavelength 2 θ1/2[2] @ IF = 20 mA λd[1] (nm) λPEAK (nm) Degrees Part Number Typ. Typ. Typ. HLMP-DB25-B00xx 40 100 462 426 25 HLMP-KB45-A00xx 30 45 462 426 40 Min. Typ. Notes: 1. The dominant wavelength, λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 2. θ 1/2 is the off-axis angle at which the luminous intensity is half of the axial luminous intensity. Electrical Characteristics at TA = 25˚C Thermal Forward Reverse Resistance Voltage Breakdown Speed Capacitance R θJ-PIN ( °C/W) VF (Volts) VR (Volts) Response C (pF), VF = 0, Junction to Part @ IF = 20 mA @ IR = 100 µA τ s (ns) f = 1 MHz Cathode Lead Number Typ. Max. Min. Typ. Typ. Typ. Typ. HLMP-DB25-B00xx 4.0 5.0 5.0 30 500 97 260 HLMP-KB45-A00xx 4.0 5.0 5.0 30 500 97 290 Figure 1. Relative Intensity vs. Wavelength. Figure 3. Relative Intensity vs. Peak Forward Current (300 µs pulse width, 10 ms period). Figure 2. Forward Current vs. Forward Voltage. 0 60 50 30 20 03 5 10 40 2 1 4 VF – FORWARD VOLTAGE – V 1.0 1.6 1.2 IP – PEAK FORWARD CURRENT – mA 20 40 60 80 1.4 30 50 70 WAVELENGTH – nm 1.0 0.5 0 350 550 700 400 600 450 500 650 |
Número de pieza similar - HLMP-DB45-H0000 |
|
Descripción similar - HLMP-DB45-H0000 |