Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB550A Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SB550A
Descripción Electrónicos  Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB550A Datasheet(HTML) 1 Page - Vishay Siliconix

  SB550A Datasheet HTML 1Page - Vishay Siliconix SB550A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB520A thru SB560A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88903
www.vishay.com
09-Mar-04
1
Schottky Barrier Rectifier
Reverse Voltage 20 to 60V
Forward Current 5A
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol SB520A SB530A SB540A SB550A SB560A
Unit
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
IF(AV)
5A
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
150
A
(JEDEC Method) at rated TL
Typical thermal resistance (2)
RΘJA
25
RΘJC
10
RΘJL
8
°C/W
Operating junction temperature range
TJ
– 65 to +125
– 65 to +150
°C
Storage temperature range
TSTG
-65 to +150
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol SB520A SB530A SB540A SB550A SB560A
Unit
Max. instantaneous forward voltage at 5.0A (NOTE 1)
VF
0.50
0.70
V
Maximum instantaneous reverse current at
TA= 25°C
IR
0.5
mA
rated DC blocking voltage (1)
TA= 100°C
50
25
Notes: (1) Pulse test: 300µs pulse width, 1% duty cycle
(2) Thermal resistance junction to lead vertical P.C.B. mounted, 0.375" (9.5mm) lead length
Features
• Low power loss, high efficiency
• For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
• Guardring for overvoltage protection
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed:
250°C/10 seconds 0.375” (9.5mm) lead length,
5lbs. (2.3kg) tension
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 oz., 1.12 g
0.210 (5.3)
0.190 (4.8)
Dia.
0.052 (1.32)
0.048 (1.22)
Dia.
1.0 (25.4)
Min.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
Min.
DO-201AD
Dimensions in inches and (millimeters)
New Product


Número de pieza similar - SB550A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SB550A VISHAY-SB550A Datasheet
98Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
SB550A VISHAY-SB550A Datasheet
72Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
SB550A VISHAY-SB550A Datasheet
81Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
More results

Descripción similar - SB550A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com