Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH245ADB Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74LVCH245ADB
Descripción Electrónicos  Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH245ADB Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVCH245ADB Datasheet HTML 1Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 2Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 3Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 4Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 5Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 6Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 7Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 8Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2003 May 07
3
Philips Semiconductors
Product specification
Octal bus transceiver with direction pin with 5 V tolerant
input/outputs (3-state)
74LVC245A;
74LVCH245A
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
TYPE NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKAGE
MATERIAL
CODE
74LVC245AD
−40 to +125 °C
20
SO20
plastic
SOT163-1
74LVCH245AD
−40 to +125 °C
20
SO20
plastic
SOT163-1
74LVC245ADB
−40 to +125 °C
20
SSOP20
plastic
SOT339-1
74LVCH245ADB
−40 to +125 °C
20
SSOP20
plastic
SOT339-1
74LVC245APW
−40 to +125 °C
20
TSSOP20
plastic
SOT360-1
74LVCH245APW
−40 to +125 °C
20
TSSOP20
plastic
SOT360-1
74LVC245ABQ
−40 to +125 °C
20
DHVQFN20
plastic
SOT764-1
74LVCH245ABQ
−40 to +125 °C
20
DHVQFN20
plastic
SOT764-1
INPUT
INPUT/OUTPUT
OE
DIR
An
Bn
L
L
A = B
input
L
H
input
B = A
HX
Z
Z
PINNING
PIN
SYMBOL
DESCRIPTION
1
DIR
direction control input
2A0
data input/output
3A1
data input/output
4A2
data input/output
5A3
data input/output
6A4
data input/output
7A5
data input/output
8A6
data input/output
9A7
data input/output
10
GND
ground (0 V)
11
B7
data input/output
12
B6
data input/output
13
B5
data input/output
14
B4
data input/output
15
B3
data input/output
16
B2
data input/output
17
B1
data input/output
18
B0
data input/output
19
OE
output enable input (active
LOW)
20
VCC
supply voltage
PIN
SYMBOL
DESCRIPTION


Número de pieza similar - 74LVCH245ADB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVCH245ADB NXP-74LVCH245ADB Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
More results

Descripción similar - 74LVCH245ADB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com