Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C202-120N1TR Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza M27C202-120N1TR
Descripción Electrónicos  2 Mbit (128Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C202-120N1TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M27C202-120N1TR Datasheet HTML 2Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 3Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 4Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 5Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 6Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 7Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 8Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 9Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
M27C202
6/15
Table 8. Read Mode AC Characteristics (1)
(TA = 0 to 70 °C, –40 to 85 °C or –40 to 125 °C; VCC =5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed AC measurement conditions.
Symbol
Alt
Parameter
Test Condition
M27C202
Unit
-45 (3)
-70 (3)
-80
-100
Min
Max
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E=VIL,G= VIL
45
70
80
100
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
45
70
80
100
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E=VIL
25
40
40
50
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G= VIL
0
25
0
30
0
30
0
30
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E=VIL
0
25
0
30
0
30
0
30
ns
tAXQX
tOH
Address Transition to
Output Transition
E=VIL,G= VIL
0000
ns
Figure 5. Read Mode AC Waveforms
AI01818B
tAXQX
tEHQZ
A0-A16
E
G
Q0-Q15
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID


Número de pieza similar - M27C202-120N1TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Descripción similar - M27C202-120N1TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com