Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5648BRUZ-2 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD5648BRUZ-2
Descripción Electrónicos  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5648BRUZ-2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5648BRUZ-2 Datasheet HTML 2Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 3Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 4Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 5Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 6Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 7Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 8Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 9Page - Analog Devices AD5648BRUZ-2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5628/AD5648/AD5668
Preliminary Technical Data
Rev.PrA | Page 6 of 24
AD5628/AD5648/AD5668–SPECIFICATIONS
(VDD = +2.7 V to +3.6 V; RL = 2 kΩ to GND; CL = 200 pF to GND; External REFIN = VDD ; all specifications TMIN to TMAX unless otherwise
noted)
Table 2.
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
B Version 1,1
Conditions/Comments
STATIC PERFORMANCE3,4
AD5628
Resolution
12
12
Bits
Relative Accuracy
±0.5
±6
±0.5
±1
LSB
See Figure 4
Differential Nonlinearity
±1
±1
LSB
Guaranteed Monotonic by Design.
See Figure 5.
AD5648
Resolution
14
14
Bits
Relative Accuracy
±2
±8
±2
±4
LSB
See Figure 4
Differential Nonlinearity
±1
±1
LSB
Guaranteed Monotonic by Design.
See Figure 5.
AD5668
Resolution
16
16
Bits
Relative Accuracy
±32
±16
LSB
See Figure 4
Differential Nonlinearity
±1
±1
LSB
Guaranteed Monotonic by Design.
See Figure 5.
Load Regulation
4
4
LSB/mA
VDD=Vref=3V, Midscale
Iout=0mA to 7.5mA
sourcing/sinking
Zero Code Error
+1
+9
+1
+9
mV
All Zeroes Loaded to DAC Register.
See Figure 8.
Zero Code Error Drift1
±20
±20
µV/°C
Full-Scale Error
-0.15
-1.25
-0.15
-1.25
% of FSR
All Ones Loaded to DAC Register.
See Figure 8.
Gain Error
±0.7
±0.7
% of FSR
Gain Temperature
Coefficient
±5
±5
ppm
of FSR/°C
Offset Error
±1
±9
±1
±9
mV
Offset Temperature
Coefficient
1.7
1.7
µV/°C
DC Power Supply Rejection
Ratio6
–80
–80
dB
VDD ±10%
DC Crosstalk6 (Ext Ref)
10
10
µV
RL = 2 k. to GND or VDD
4.5
4.5
µV/mA
Due to Load current change
10
10
µV
Due to Powering Down (per
channel)
DC Crosstalk6 (Int Ref)
20
20
µV
RL = 2 k. to GND or VDD
4.5
4.5
µV/mA
Due to Load current change
20
20
µV
Due to Powering Down (per
channel)
OUTPUT
CHARACTERISTICS6
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
2
2
pF
RL=∞


Número de pieza similar - AD5648BRUZ-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5648BRUZ-2 AD-AD5648BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5648BRUZ-2REEL7 AD-AD5648BRUZ-2REEL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
More results

Descripción similar - AD5648BRUZ-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com